Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3076DI Datasheet (PDF) - List of Unclassifed Manufacturers

S3076DI Datasheet PDF - List of Unclassifed Manufacturers
Part # S3076DI
Download  S3076DI Download
File Size   158.82 Kbytes
Page   18 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT

S3076DI Datasheet (PDF)

Go To PDF Page Download Datasheet
S3076DI Datasheet PDF - List of Unclassifed Manufacturers

Part # S3076DI
Download  S3076DI Click to download

File Size   158.82 Kbytes
Page   18 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT

S3076DI Datasheet (HTML) - List of Unclassifed Manufacturers


S3076DI Product details

[Applied Micro Circuits Corporation]

GENERAL DESCRIPTION
The function of the S3076 clock recovery unit is to derive high speed timing signals for SONET/SDHbased equipment. The S3076 is implemented using AMCC’s proven Phase Locked Loop (PLL) technology. Figure 1 shows a typical network application.

FEATURES
• SiGe BiCMOS technology
• Complies with Bellcore and ITU-T specifications for jitter tolerance, jitter transfer and
   jitter generation
• On-chip high frequency PLL with internal
   loop filter for clock recovery
• Supports clock recovery for:
   OC-48 (2488.32 Mbps) (with FEC)
   Fibre Channel (2125 Mbps) (with FEC)
   OC-24 (1244.16 Mbps) (with FEC)
   Gigabit Ethernet (1250 Mbps) (with FEC)
   Fibre Channel (1062.5 Mbps) (with FEC)
   OC-12 (622.08 Mbps) (with FEC)
   OC-3 (155.52 Mbps) (with FEC) NRZ data
• Selectable reference frequencies
   19.44 MHz or 155.52 MHz
   (or equivalent Fibre Channel/
   Gigabit Ethernet frequencies)
• Lock detect—monitors frequency of
   incoming data
• Low-jitter serial interface
• +3.3 V supply
• Compact 48 pin TQFP TEP package
• Typical power 620 mW
• Available in Die form also




Similar Part No. - S3076DI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S30760 MICROSEMI-S30760 Datasheet
115Kb / 2P
Silicon Power Rectifier
logo
Belden Inc.
S3076NH BELDEN-S3076NH Datasheet
101Kb / 3P
Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
More results


Similar Description - S3076DI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
Integrated Circuit Syst...
M844 ICST-M844 Datasheet
141Kb / 1P
MULTI-RATE CLOCK RECOVERY
Rev 1.3
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Vitesse Semiconductor C...
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
logo
Zarlink Semiconductor I...
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
logo
Vitesse Semiconductor C...
VSC8142 VITESSE-VSC8142 Datasheet
540Kb / 2P
2.5G Multi-rate SONET/SDH Transceiver Family
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com