Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGME3JB1G00 Datasheet (PDF) - Stackpole Electronics, Inc.

MGME3JB1G00 Datasheet PDF - Stackpole Electronics, Inc.
Part # MGME3JB1G00
Download  MGME3JB1G00 Download
File Size   334.11 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Voltage Metal Glaze Resistor

MGME3JB1G00 Datasheet (PDF)

Go To PDF Page Download Datasheet
MGME3JB1G00 Datasheet PDF - Stackpole Electronics, Inc.

Part # MGME3JB1G00
Download  MGME3JB1G00 Click to download

File Size   334.11 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Voltage Metal Glaze Resistor

MGME3JB1G00 Datasheet (HTML) - Stackpole Electronics, Inc.


MGME3JB1G00 Product details

Features:
• High voltage capability from 1600V to 7000V
• Inexpensive high voltage leaded resistor solution
• High resistance values up to 500M
• Tolerances as low as 1%; TCRs as low as 50 ppm/ºC
• Flameproof coating (brown) standard
• Epoxy coating (blue) available up to 2W
• MGE and MGME denote alternate epoxy coating instead of silicone
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - MGME3JB1G00

ManufacturerPart #DatasheetDescription
logo
Phoenix Mecano S.E. Asi...
MGM 12 BOPLA-MGM 12 Datasheet
2Mb / 22P
Cable glands / General Accessories
MGM 16 BOPLA-MGM 16 Datasheet
2Mb / 22P
Cable glands / General Accessories
MGM 20 BOPLA-MGM 20 Datasheet
2Mb / 22P
Cable glands / General Accessories
MGM 25 BOPLA-MGM 25 Datasheet
2Mb / 22P
Cable glands / General Accessories
MGM 32 BOPLA-MGM 32 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results


Similar Description - MGME3JB1G00

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
ARG IRCTT-ARG Datasheet
154Kb / 1P
High Power Metal Glaze??Resistor
CHP1X IRCTT-CHP1X Datasheet
231Kb / 2P
Metal Glaze??Cylindrical Official Size Power Resistor
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
Thick Film Metal Glaze Resistor
PWRG51202J IRCTT-PWRG51202J Datasheet
156Kb / 2P
General Purpose Power Metal Glaze Resistor
RL05C1001FS IRCTT-RL05C1001FS Datasheet
152Kb / 3P
Established Reliability Mil-Qualified Metal Glaze Resistor
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
High Voltage Metal Glaze Film Resistors
logo
List of Unclassifed Man...
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN55C1002F ETC2-RN55C1002F Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com