Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGME3JB1G00 Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # MGME3JB1G00
Description  High Voltage Metal Glaze Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MGME3JB1G00 Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  MGME3JB1G00 Datasheet HTML 1Page - Stackpole Electronics, Inc. MGME3JB1G00 Datasheet HTML 2Page - Stackpole Electronics, Inc. MGME3JB1G00 Datasheet HTML 3Page - Stackpole Electronics, Inc. MGME3JB1G00 Datasheet HTML 4Page - Stackpole Electronics, Inc. MGME3JB1G00 Datasheet HTML 5Page - Stackpole Electronics, Inc. MGME3JB1G00 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev Date: 5/4/2022
4
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MG / MGM / MGE / MGME Series
High Voltage Metal Glaze Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Packaging Specifications
Recommended Lead Free Resistor Reflow Profile
Type/Code
B1/B2
S
Unit
2.047 +0.039 /-0.00
0.047
0.031 max.
0.020 max.
0.047 max.
0.236 ± 0.020
0.197
inches
52.00 +1.00 /-0.00
1.20
0.80 max.
0.50 max.
1.20 max.
6.00 ± 0.50
5.00
mm
2.047 +0.039 /-0.00
0.047
0.031 max.
0.020 max.
0.047 max.
0.236 ± 0.020
0.197
inches
52.00 +1.00 /-0.00
1.20
0.80 max.
0.50 max.
1.20 max.
6.00 ± 0.50
5.00
mm
2.874 +0.039 /-0.00
0.059
0.031 max.
0.020 max.
0.047 max.
0.236 ± 0.020
0.197
inches
73.00 +1.00 /-0.00
1.50
0.80 max.
0.50 max.
1.20 max.
6.00 ± 0.50
5.00
mm
2.874 +0.039 /-0.00
0.059
0.031 max.
0.020 max.
0.047 max.
0.236 ± 0.020
0.394
inches
73.00 +1.00 /-0.00
1.50
0.80 max.
0.50 max.
1.20 max.
6.00 ± 0.50
10.00
mm
2.047 +0.039 /-0.00
0.047
0.031 max.
0.020 max.
0.047 max.
0.236 ± 0.020
0.197
inches
52.00 +1.00 /-0.00
1.20
0.80 max.
0.50 max.
1.20 max.
6.00 ± 0.50
5.00
mm
2.047 +0.039 /-0.00
0.047
0.031 max.
0.020 max.
0.047 max.
0.236 ± 0.020
0.197
inches
52.00 +1.00 /-0.00
1.20
0.80 max.
0.50 max.
1.20 max.
6.00 ± 0.50
5.00
mm
2.874 +0.039 /-0.00
0.059
0.031 max.
0.020 max.
0.047 max.
0.236 ± 0.020
0.197
inches
73.00 +1.00 /-0.00
1.50
0.80 max.
0.50 max.
1.20 max.
6.00 ± 0.50
5.00
mm
2.874 +0.039 /-0.00
0.059
0.031 max.
0.020 max.
0.047 max.
0.236 ± 0.020
0.394
inches
73.00 +1.00 /-0.00
1.50
0.80 max.
0.50 max.
1.20 max.
6.00 ± 0.50
10.00
mm
Max. deviation of spacing: 1mm per 10 spacing.
F
E
MG14
MG12
C
D
A
MG1
MG2
MGM1
MGM2
MGM3
MGM12



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com