Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3386W Datasheet (PDF) - DB Lectro Inc

3386W Datasheet PDF - DB Lectro Inc
Part # 3386W
Download  3386W Download
File Size   194.58 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description 9.6횞9.6 Square/ Single Turn /Trimming Potentiometer

3386W Datasheet (PDF)

Go To PDF Page Download Datasheet
3386W Datasheet PDF - DB Lectro Inc

Part # 3386W
Download  3386W Click to download

File Size   194.58 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description 9.6횞9.6 Square/ Single Turn /Trimming Potentiometer

3386W Datasheet (HTML) - DB Lectro Inc


3386W Product details

Square Trimming Potentiometer

■ Single Turn/ Cermet/ Industrial / sealed
■ 8 terminal styles
■ RoHS Compliant




Similar Part No. - 3386W

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3386W BOURNS-3386W Datasheet
296Kb / 3P
Square Trimpot Trimming Potentiometer Available with cross-slot rotor
logo
Vatronics Technologies ...
3386W VATRONICS-3386W Datasheet
79Kb / 3P
9mm Square Single-Turn Trimmer Potentiometers
logo
Bourns Electronic Solut...
3386W-1-102LF BOURNS-3386W-1-102LF Datasheet
404Kb / 2P
Featured Products Bulletin
3386W-1-102LF BOURNS-3386W-1-102LF Datasheet
404Kb / 2P
Bourns® Trimmer Design Kits
September 25, 2007
3386W-1-103 BOURNS-3386W-1-103 Datasheet
53Kb / 1P
Design Kit Trimming Potentiometers
More results


Similar Description - 3386W

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3323P DBLECTRO-3323P Datasheet
198Kb / 1P
7횞7 Square/ Single Turn /Trimming Potentiometer
3323U DBLECTRO-3323U Datasheet
196Kb / 1P
7횞7 Square/ Single Turn /Trimming Potentiometer
3362P DBLECTRO-3362P Datasheet
205Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
3386C DBLECTRO-3386C Datasheet
198Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386F DBLECTRO-3386F Datasheet
198Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386H DBLECTRO-3386H Datasheet
198Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386P DBLECTRO-3386P Datasheet
200Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386T DBLECTRO-3386T Datasheet
199Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386U DBLECTRO-3386U Datasheet
197Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386Y DBLECTRO-3386Y Datasheet
194Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com