Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3386W Datasheet (PDF) - Bourns Electronic Solutions

3386W Datasheet PDF - Bourns Electronic Solutions
Part # 3386W
Download  3386W Download
File Size   618.44 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3386 - 3/8 ˝ Square Trimpot® Trimming Potentiometer

3386W Datasheet (PDF)

Go To PDF Page Download Datasheet
3386W Datasheet PDF - Bourns Electronic Solutions

Part # 3386W
Download  3386W Click to download

File Size   618.44 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3386 - 3/8 ˝ Square Trimpot® Trimming Potentiometer

3386W Datasheet (HTML) - Bourns Electronic Solutions


3386W Product details

Features
Single Turn / Cermet / Industrial / Sealed
Available on tape and reel
Available with a knob for finger adjust
Available with extended shaft
Available with cross-slot rotor
Top and side adjust types (F, P, H, W, X
most popular)
RoHS compliant* version available
For trimmer applications/processing
guidelines, click here




Similar Part No. - 3386W

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3386W DBLECTRO-3386W Datasheet
194Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
logo
Bourns Electronic Solut...
3386W BOURNS-3386W Datasheet
296Kb / 3P
Square Trimpot Trimming Potentiometer Available with cross-slot rotor
logo
Vatronics Technologies ...
3386W VATRONICS-3386W Datasheet
79Kb / 3P
9mm Square Single-Turn Trimmer Potentiometers
logo
Bourns Electronic Solut...
3386W-1-102LF BOURNS-3386W-1-102LF Datasheet
404Kb / 2P
Featured Products Bulletin
3386W-1-102LF BOURNS-3386W-1-102LF Datasheet
404Kb / 2P
Bourns® Trimmer Design Kits
September 25, 2007
More results


Similar Description - 3386W

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3386P-1-503 BOURNS-3386P-1-503 Datasheet
296Kb / 3P
3386 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3386W-1-202LF BOURNS-3386W-1-202LF Datasheet
414Kb / 3P
3386 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3386W-1-104 BOURNS-3386W-1-104 Datasheet
414Kb / 3P
3386 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3386P-1-502LF BOURNS-3386P-1-502LF Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
3386F-1-504LF BOURNS-3386F-1-504LF Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
3386F-1-203LF BOURNS-3386F-1-203LF Datasheet
407Kb / 3P
3386 - 3/8 Square Trimpot Trimming Potentiometer
3386R-1-105LF BOURNS-3386R-1-105LF Datasheet
407Kb / 3P
3386 - 3/8 Square Trimpot Trimming Potentiometer
3386X-1-103TLF BOURNS-3386X-1-103TLF Datasheet
407Kb / 3P
3386 - 3/8 Square Trimpot Trimming Potentiometer
3386X-1-102TLF BOURNS-3386X-1-102TLF Datasheet
407Kb / 3P
3386 - 3/8 Square Trimpot Trimming Potentiometer
3386H-1-502LF BOURNS-3386H-1-502LF Datasheet
407Kb / 3P
3386 - 3/8 Square Trimpot Trimming Potentiometer
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com