Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803Q-V0T Datasheet (PDF) - STMicroelectronics

FDA803Q-V0T Datasheet PDF - STMicroelectronics
Part # FDA803Q-V0T
Download  FDA803Q-V0T Download
File Size   327.67 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic

FDA803Q-V0T Datasheet (PDF)

Go To PDF Page Download Datasheet
FDA803Q-V0T Datasheet PDF - STMicroelectronics

Part # FDA803Q-V0T
Download  FDA803Q-V0T Click to download

File Size   327.67 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic

FDA803Q-V0T Datasheet (HTML) - STMicroelectronics


FDA803Q-V0T Product details

Features
 AEC-Q100 qualified
 Integrated 108 dB D/A conversion
 I2S and TDM digital input (4/8/16CH TDM)
 Input sampling frequency: 44.1 kHz, 48 kHz,
96 kHz, 192 kHz
 Full I2C bus driving (3.3/1.8 V)
 CISPR 25 - Class V (Fourth edition)
 Very low quiescent current
 Output lowpass filter included in the feedback
allowing outstanding audio performances
 Wide operating supply range from 3.3 to 18 V,
suitable for car radio, telematics and e-call
 MOSFET power outputs allowing high output
power capability
– 1 x 25 W /4 Ω @ 14.4 V, 1 kHz THD = 1%
– 1 x 31 W /4 Ω @ 14.4 V, 1 kHz THD = 10%
 2 Ω loads driving
 Amplitude limiter function (configurable
through I2C)
 I2C bus diagnostics:
– Short to VCC/GND
– Short load and open load detection (also in
play mode)
– Four thermal warnings
 DC offset detector (also in play) and 'hot spot'
detection
 Clipping detector
 Integrated thermal protection
 Legacy mode ('no I2C' mode), 4 configurable
settings
 Short circuit and ESD integrated protections
 Package: VFQFPN48 exposed pad down




Similar Part No. - FDA803Q-V0T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803D-EHT STMICROELECTRONICS-FDA803D-EHT Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803D-EHX STMICROELECTRONICS-FDA803D-EHX Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803S STMICROELECTRONICS-FDA803S Datasheet
672Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
FDA803S-6DY STMICROELECTRONICS-FDA803S-6DY Datasheet
672Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
More results


Similar Description - FDA803Q-V0T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
logo
STMicroelectronics
FDA802S STMICROELECTRONICS-FDA802S Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA802SB STMICROELECTRONICS-FDA802SB Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803S STMICROELECTRONICS-FDA803S Datasheet
672Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
FDA803U STMICROELECTRONICS-FDA803U Datasheet
1Mb / 76P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
04-Jul-2019
FDA903D STMICROELECTRONICS-FDA903D Datasheet
1Mb / 82P
1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
03-May-2018
FDA903Q STMICROELECTRONICS-FDA903Q Datasheet
319Kb / 16P
1 CH class D digital input automotive power amplifier with diagnostics, load current monitoring wide voltage operation range for car audio and telematic
03-May-2021
FDA903S STMICROELECTRONICS-FDA903S Datasheet
673Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
FDA903U STMICROELECTRONICS-FDA903U Datasheet
1Mb / 80P
1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
04-Jul-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com