Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803S Datasheet (PDF) - STMicroelectronics

FDA803S Datasheet PDF - STMicroelectronics
Part # FDA803S
Download  FDA803S Download
File Size   672.34 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application

FDA803S Datasheet (PDF)

Go To PDF Page Download Datasheet
FDA803S Datasheet PDF - STMicroelectronics

Part # FDA803S
Download  FDA803S Click to download

File Size   672.34 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application

FDA803S Datasheet (HTML) - STMicroelectronics


FDA803S Product details

Features
• AEC-Q100 qualified
• Integrated 100 dB D/A conversion
• I2S and TDM digital input (up to 16CH TDM)
• Selectable input sample rate frequency (8/16/32/44.1/48/96)
• Wide supply operating range: 3.3 V - 18 V
• PWM frequency switching selectable by I2C
– 352.8 kHz, 384kHz, 411.6 kHz, 448 kHz
• 2 I2C addresses
• MOSFET power outputs
– Typ 10 W 4 Ω @ 14.4 V, 1 kHz THD = 1 %
– Typ 5 W 8 Ω @ 14.4 V, 1 kHz THD = 1 %
• Noise: 80 μV A-weighted: 20 kHz
• 8 Ω, 4 Ω driving capability
• Input amplitude limiter (configurable through I2C)
• I2C full configurability and diagnostic
– Startup diagnostic
– Input voltage amplitude limiter function (configurable through I2C)
– 4 x Thermal warning
– DC diagnostic
– OCP protection scheme configurable
– Mute time configuration
• Capability to run complete diagnostic in play
– Configurable Clipping Detector
– One of the Thermal Warnings
– Over Current Protection
– Open Load detection
– High voltage mute
• 2 CD/Diag pin
• Integrated ESD and short circuit protection
• QFN32 wettable flanks
• Tested according to CISPR 25 - Class V (Fourth edition)
Description
The FDA803S is the new ST single channel class-D audio amplifier, specifically
designed for automotive applications. The FDA803S integrates a 24-bit, 100 dB
DAC conversion and PWM class-D output stage with feedback before LC filter. This
configuration enables the design of a compact and inexpensive application.




Similar Part No. - FDA803S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803D-EHT STMICROELECTRONICS-FDA803D-EHT Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803D-EHX STMICROELECTRONICS-FDA803D-EHX Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803Q STMICROELECTRONICS-FDA803Q Datasheet
327Kb / 16P
1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2021
FDA803Q-V0T STMICROELECTRONICS-FDA803Q-V0T Datasheet
327Kb / 16P
1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2021
More results


Similar Description - FDA803S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
logo
STMicroelectronics
FDA802 STMICROELECTRONICS-FDA802 Datasheet
300Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
22-Aug-2017
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803Q STMICROELECTRONICS-FDA803Q Datasheet
327Kb / 16P
1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2021
FDA803U STMICROELECTRONICS-FDA803U Datasheet
1Mb / 76P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
04-Jul-2019
FDA903D STMICROELECTRONICS-FDA903D Datasheet
1Mb / 82P
1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
03-May-2018
FDA903Q STMICROELECTRONICS-FDA903Q Datasheet
319Kb / 16P
1 CH class D digital input automotive power amplifier with diagnostics, load current monitoring wide voltage operation range for car audio and telematic
03-May-2021
FDA903S STMICROELECTRONICS-FDA903S Datasheet
673Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
FDA903U STMICROELECTRONICS-FDA903U Datasheet
1Mb / 80P
1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
04-Jul-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com