Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803S Datasheet(PDF) 1 Page - STMicroelectronics

Part # FDA803S
Description  1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803S Datasheet(HTML) 1 Page - STMicroelectronics

  FDA803S Datasheet HTML 1Page - STMicroelectronics FDA803S Datasheet HTML 2Page - STMicroelectronics FDA803S Datasheet HTML 3Page - STMicroelectronics FDA803S Datasheet HTML 4Page - STMicroelectronics FDA803S Datasheet HTML 5Page - STMicroelectronics FDA803S Datasheet HTML 6Page - STMicroelectronics FDA803S Datasheet HTML 7Page - STMicroelectronics FDA803S Datasheet HTML 8Page - STMicroelectronics FDA803S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
QFN32 (exposed pad down)
Features
•
AEC-Q100 qualified
•
Integrated 100 dB D/A conversion
•
I2S and TDM digital input (up to 16CH TDM)
•
Selectable input sample rate frequency (8/16/32/44.1/48/96)
•
Wide supply operating range: 3.3 V - 18 V
•
PWM frequency switching selectable by I2C
–
352.8 kHz, 384kHz, 411.6 kHz, 448 kHz
•
2 I2C addresses
•
MOSFET power outputs
–
Typ 10 W 4 Ω @ 14.4 V, 1 kHz THD = 1 %
–
Typ 5 W 8 Ω @ 14.4 V, 1 kHz THD = 1 %
•
Noise: 80 μV A-weighted: 20 kHz
•
8 Ω, 4 Ω driving capability
•
Input amplitude limiter (configurable through I2C)
•
I2C full configurability and diagnostic
–
Startup diagnostic
–
Input voltage amplitude limiter function (configurable through I2C)
–
4 x Thermal warning
–
DC diagnostic
–
OCP protection scheme configurable
–
Mute time configuration
•
Capability to run complete diagnostic in play
–
Configurable Clipping Detector
–
One of the Thermal Warnings
–
Over Current Protection
–
Open Load detection
–
High voltage mute
•
2 CD/Diag pin
•
Integrated ESD and short circuit protection
•
QFN32 wettable flanks
•
Tested according to CISPR 25 - Class V (Fourth edition)
Description
The FDA803S is the new ST single channel class-D audio amplifier, specifically
designed for automotive applications. The FDA803S integrates a 24-bit, 100 dB
DAC conversion and PWM class-D output stage with feedback before LC filter. This
configuration enables the design of a compact and inexpensive application.
Product status link
FDA803S
Product summary
Order code
FDA803S-6DY
Package
QFN32 (exp. pad down)
Packing
Tray
1x10 W digital input class-D automotive audio amplifier with advanced
diagnostics, wide voltage operating range for telematics and e-Call application
FDA803S
Data brief
DB4683 - Rev 2 - June 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - FDA803S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803D-EHT STMICROELECTRONICS-FDA803D-EHT Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803D-EHX STMICROELECTRONICS-FDA803D-EHX Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803Q STMICROELECTRONICS-FDA803Q Datasheet
327Kb / 16P
1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2021
FDA803Q-V0T STMICROELECTRONICS-FDA803Q-V0T Datasheet
327Kb / 16P
1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2021
More results

Similar Description - FDA803S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
logo
STMicroelectronics
FDA802 STMICROELECTRONICS-FDA802 Datasheet
300Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
22-Aug-2017
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803Q STMICROELECTRONICS-FDA803Q Datasheet
327Kb / 16P
1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2021
FDA803U STMICROELECTRONICS-FDA803U Datasheet
1Mb / 76P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
04-Jul-2019
FDA903D STMICROELECTRONICS-FDA903D Datasheet
1Mb / 82P
1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
03-May-2018
FDA903Q STMICROELECTRONICS-FDA903Q Datasheet
319Kb / 16P
1 CH class D digital input automotive power amplifier with diagnostics, load current monitoring wide voltage operation range for car audio and telematic
03-May-2021
FDA903S STMICROELECTRONICS-FDA903S Datasheet
673Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
FDA903U STMICROELECTRONICS-FDA903U Datasheet
1Mb / 80P
1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
04-Jul-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com