Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1385 Datasheet (PDF) - STMicroelectronics

STA1385 Datasheet PDF - STMicroelectronics
Part # STA1385
Download  STA1385 Download
File Size   221.06 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Telemaco3P automotive family of telematics and connectivity microprocessor

STA1385 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA1385 Datasheet PDF - STMicroelectronics

Part # STA1385
Download  STA1385 Click to download

File Size   221.06 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Telemaco3P automotive family of telematics and connectivity microprocessor

STA1385 Datasheet (HTML) - STMicroelectronics


STA1385 Product details

Features
• AEC-Q100 qualified Grade 2
Core and Infrastructure
• Dual ARM CortexA7 up to 600 MHz, withMMU, FPU and NEON support
• Memory organization:
– L1 Cache: 32 KB I, 32 KB D
– L2 Cache: 256 KB
– Total embedded SRAM: 768 KB
Embedded Vehicle Interface
• Isolated Cortex-M3 core
– L1 Cache: 8 KB I
• 256 KB reserved embedded SRAM (extendible to 768 KB)
• 1x CAN Standard (C_CAN)
• 2x CAN FD (M_CAN)
• 1x Flexray
Media Interfaces
• 1x SD/MMC/SDIO SDR50 (SD/MMC0)
• 1x SD/MMC/SDIO SDR25 (SD/MMC1)
• 1x USB 2.0 DR with HS PHY and HSIC
• 1x USB 2.0 DR with HS PHY
• 2x ETH AVB MAC with RMII/RGMII
Embedded HW Security Module
• HIS SHE/SHE+ Service Set with extensions for PKC (SHE_EXT)
• Cryptographic Functions Accelerators
– Symmetric keys: MP AES
– Public keys: RSA, ECC
– Hash: MD5, SHA1, SHA2
• True Random Number Generator
• User pogrammable OTP memory (eHSM OTP)
Memory Interfaces
• 16-bit DDR3L-1066 (533 MHz)
• 16-bit LPDDR2-800 (400 MHz)
• SQI Interface
• 8-bit Parallel NAND (1 chip select)
I/O Interfaces
• 1x 6-channel 10-bits ADC
• 3x I2C multi-master/slave interfaces
• 6x UART controller
• 3xI2S audio interfaces
• 3x Synchronous Serial Port (SSP/SPI)
• 5x 32-bit GPIO ports
• JTAG based in-circuit emulator (ICE) with Embedded Trace Module

Operating conditions
• VDD, VDD_ARM: 1.14 V-1.21 V
• VDD_IO_3V3: 3.3 V ±10%
• VDD_IO_SDMMC0: 1.8 V-3.3 V ±10%
• VDD_IO_BOOT: 1.8 V/3.3 V ±10%
• VDD_IO_ON: 3.3 V ± 10%
• VDDQ: 1.35 V ± 5% (DDR3L)
• Junction temperature range: -40 C/ +150 C

Description
STA1385 is a fully automotive, power efficient System-On-Chip, targeting cost
effective processing solutions for innovative Telematics and Connectivity applications
including Cyber-security protection.
It features a powerful Dual ARM Cortex-A7 processor, an embedded and
independent Hardware Security Module (HSM), an isolated sub-system based on
ARM Cortex-M3 for vehicle CAN interface and a full set of standard connectivity
interfaces, including a dual Gbit ETH AVB controller and Flexray.




Similar Part No. - STA1385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA1050 STMICROELECTRONICS-STA1050 Datasheet
148Kb / 11P
CD-Audio one-chip
21-Nov-2006
STA1052 STMICROELECTRONICS-STA1052 Datasheet
189Kb / 14P
DSP/MCU system for CD-DA, CD-CA, CD-ROM player
12-Mar-2008
STA1052S1 STMICROELECTRONICS-STA1052S1 Datasheet
189Kb / 14P
DSP/MCU system for CD-DA, CD-CA, CD-ROM player
12-Mar-2008
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
Telemaco2 family of telematics and connectivity microprocessors
11-Sep-2015
STA1078 STMICROELECTRONICS-STA1078 Datasheet
322Kb / 16P
Telemaco2 family of telematics and connectivity microprocessors
11-Sep-2015
More results


Similar Description - STA1385

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4234 EPCOS-B4234_1 Datasheet
124Kb / 10P
Automotive telematics
B4235 EPCOS-B4235_1 Datasheet
118Kb / 11P
Automotive telematics
B3514 EPCOS-B3514 Datasheet
107Kb / 9P
SAW RF filter Automotive telematics
B3518 EPCOS-B3518 Datasheet
114Kb / 11P
SAW Diplexer Automotive telematics
B3524 EPCOS-B3524_11 Datasheet
95Kb / 8P
SAW filter Automotive telematics
B3912 EPCOS-B3912 Datasheet
72Kb / 8P
SAW filter Automotive telematics
B4305 EPCOS-B4305 Datasheet
107Kb / 8P
SAW Rx filter Automotive telematics
logo
Hittite Microwave Corpo...
HMC1055LP2CE HITTITE-HMC1055LP2CE Datasheet
830Kb / 6P
Automotive Telematics
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
Telemaco2 family of telematics and connectivity microprocessors
11-Sep-2015
logo
Maxim Integrated Produc...
MAX16984EVKIT MAXIM-MAX16984EVKIT Datasheet
71Kb / 2P
Automotive Connectivity
7-12-18
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com