Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1385 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA1385
Description  Telemaco3P automotive family of telematics and connectivity microprocessor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1385 Datasheet(HTML) 2 Page - STMicroelectronics

  STA1385 Datasheet HTML 1Page - STMicroelectronics STA1385 Datasheet HTML 2Page - STMicroelectronics STA1385 Datasheet HTML 3Page - STMicroelectronics STA1385 Datasheet HTML 4Page - STMicroelectronics STA1385 Datasheet HTML 5Page - STMicroelectronics STA1385 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Operating conditions
•
VDD, VDD_ARM: 1.14 V-1.21 V
•
VDD_IO_3V3: 3.3 V ±10%
•
VDD_IO_SDMMC0: 1.8 V-3.3 V ±10%
•
VDD_IO_BOOT: 1.8 V/3.3 V ±10%
•
VDD_IO_ON: 3.3 V ± 10%
•
VDDQ: 1.35 V ± 5% (DDR3L)
•
Junction temperature range: -40 C/ +150 C
Description
STA1385 is a fully automotive, power efficient System-On-Chip, targeting cost
effective processing solutions for innovative Telematics and Connectivity applications
including Cyber-security protection.
It features a powerful Dual ARM Cortex-A7 processor, an embedded and
independent Hardware Security Module (HSM), an isolated sub-system based on
ARM Cortex-M3 for vehicle CAN interface and a full set of standard connectivity
interfaces, including a dual Gbit ETH AVB controller and Flexray.
Figure 1. Application example
STA1385
DB3423 - Rev 2
page 2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com