Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA660TR Datasheet (PDF) - STMicroelectronics

STA660TR Datasheet PDF - STMicroelectronics
Part # STA660TR
Download  STA660TR Download
File Size   212.01 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DAB/DAB/DMB-A multi-standard digital radio decoder

STA660TR Datasheet (PDF)

Go To PDF Page Download Datasheet
STA660TR Datasheet PDF - STMicroelectronics

Part # STA660TR
Download  STA660TR Click to download

File Size   212.01 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DAB/DAB/DMB-A multi-standard digital radio decoder

STA660TR Datasheet (HTML) - STMicroelectronics


STA660TR Product details

Features
• AEC-Q100 qualified
• DAB/DAB+/DMB-A digital radio channel decoding
• Multi-standard digital radio source decoding
• Simultaneous reception of two DAB channels
• Two LVDS/I2S interfaces for receiving DAB baseband signals
• SDRAM interface (16 bit data bus)
• I2S input/output digital audio interfaces
• SPI interface
• UART interface
• 1.2 V core supply, 3.3 V I/O
• TFBGA289 package

Description
STA660 is an ARM-based and DSP-based system-on-chip able to receive and
decode DAB baseband digital signals and with embedded application SW making it
suitable for several different radio application use-cases.
The digital radio standards supported by STA660 are: DAB (ETSI EN 300 401),
DAB+ (ETSI TS 102 563) and DMB (ETSI TS 102 428).




Similar Part No. - STA660TR

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STA6610 SAMHOP-STA6610 Datasheet
118Kb / 6P
Dual N-Channel E nhancement Mode F ield E ffect Transistor
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STA6620 SAMHOP-STA6620 Datasheet
117Kb / 6P
Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results


Similar Description - STA660TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
Digital Audio Broadcast DAB decoder
January 1995
logo
List of Unclassifed Man...
GYRO-1123D ETC2-GYRO-1123D Datasheet
70Kb / 1P
DAB/DAB-IP/T-DMB USB Dongle
logo
Microtune,Inc
MT1502EDC MICROTUNE-MT1502EDC Datasheet
222Kb / 2P
DAB/DMB TUNER
logo
ATMEL Corporation
ATR2740 ATMEL-ATR2740_08 Datasheet
197Kb / 9P
DAB Digital Processing Device
ATR2740M1 ATMEL-ATR2740M1 Datasheet
195Kb / 8P
DAB Digital Processing Device
logo
Silicon Laboratories
SI4685-A10 SILABS-SI4685-A10 Datasheet
1,000Kb / 3P
Single-Chip, AM/FM/DAB/DAB Radio Receiver
SI4689-A10 SILABS-SI4689-A10 Datasheet
985Kb / 3P
Single-Chip, AM/FM/HD/DAB/DAB Radio Receiver
SI4684-A10 SILABS-SI4684-A10 Datasheet
997Kb / 3P
Single-Chip, FM/DAB/DAB Radio Receiver
SI4688-A10 SILABS-SI4688-A10 Datasheet
993Kb / 3P
Single-Chip, FM/HD/DAB/DAB Radio Receiver
logo
STMicroelectronics
STA709 STMICROELECTRONICS-STA709 Datasheet
194Kb / 7P
AM/FM/HD-Radio??DAB automotive digital output tuner
Rev 2 - November 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com