Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA660TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA660TR
Description  DAB/DAB/DMB-A multi-standard digital radio decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA660TR Datasheet(HTML) 3 Page - STMicroelectronics

  STA660TR Datasheet HTML 1Page - STMicroelectronics STA660TR Datasheet HTML 2Page - STMicroelectronics STA660TR Datasheet HTML 3Page - STMicroelectronics STA660TR Datasheet HTML 4Page - STMicroelectronics STA660TR Datasheet HTML 5Page - STMicroelectronics STA660TR Datasheet HTML 6Page - STMicroelectronics STA660TR Datasheet HTML 7Page - STMicroelectronics STA660TR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2
Electrical specifications
2.1
Absolute maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
VDDE
I/O logic supply voltage
– 0.3
3.7
V
VDD
Core logic supply voltage
– 0.3
1.4
V
VDDS
Core logic supply voltage
– 0.3
1.4
V
AVDD_SYSPLL
SYS PLL analog supply voltage
– 0.3
2.8
V
AVDD_AUDPLL
AUD PLL analog supply voltage
– 0.3
2.8
V
AVDD2V5_OSCI
OSCI analog supply voltage
– 0.3
2.8
V
DVDD_SYSPLL
SYS PLL digital supply voltage
– 0.3
1.4
V
DVDD_AUDPLL
AUD PLL digital supply voltage
– 0.3
1.4
V
AVDD1V2_OSCI
OSCI digital supply voltage
– 0.3
1.4
V
VESD-HBM
Electrostatic discharge HBM (leakage<µA)
-
±2000
V
VESD-CDM
Electrostatic discharge CDM (leakage<µA)
-
±500
V
Caution:
Stresses above those listed under "Absolute maximum ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Note:
All voltages are referred to the relative GND.
2.2
Thermal data
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RTH j-amb
Thermal resistance junction-to-ambient (1)
33
°C/W
1. According to JEDEC specification on a 2s2p std board.
STA660
Electrical specifications
DB3863 - Rev 1
page 3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com