Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA710 Datasheet (PDF) - STMicroelectronics

STA710 Datasheet PDF - STMicroelectronics
Part # STA710
Download  STA710 Download
File Size   201.57 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AM/FM/HD-RadioTM/DAB automotive digital output tuner

STA710 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA710 Datasheet PDF - STMicroelectronics

Part # STA710
Download  STA710 Click to download

File Size   201.57 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AM/FM/HD-RadioTM/DAB automotive digital output tuner

STA710 Datasheet (HTML) - STMicroelectronics


STA710 Product details

Features
• AEC-Q100 qualified
• Full automotive grade RFCMOS design
• Quad-band:
– AM/FM Band
– Band-III
– Band-L
• Two indipendent reception channels
• Integrated RF switch matrix in FM
• Software configurable digital base-band interface (I2S or JESD204B)
• Compatible with digital radio standards: DAB, DRM, and HD-Radio™
• Software programmable
• Very high dynamic range built-in ΣΔ ADC
• Very low external component count (no pin diodes, transformers or varicap)
• RoHS compliant small footprint package

Description
The STA710 is a single chip, full CMOS, quad-band, dual channel front-end tuner
specifically tailored to Software-Defined-Radio (SDR) systems.
When paired with an application processor, STA710 enables the implementation of a
SDR solution to receive analog (AM/FM/WX) and digital terrestrial broadcasting
standards (e.g. HD-Radio™/DAB/DRM).
The STA710 features front-end low-noise amplifiers (LNAs) covering AM band
(LW/MW/SW), FM and WX bands, DAB band-III and band-L.
After on-chip IF filtering, the STA710 digitizes the signal with a high dynamic range
ΣΔ ADC ahead of the complex phase-quadrature base-band signal down conversion
to provide a stable digital base-band output to the companion application processor.
The digital base-band signal is transmitted to the application processor via a flexible
and configurable serial digital interface operating either as single-ended I2S, LVDS
I2S or JESD204B.
The STA710 dual channel architecture enables a straightforward implementation of
audio/data foreground-background reception strategies and multipath interference
mitigation algorithms such as FM phase-diversity, DAB/DRM Maximal-Ratio-
Combining (MRC) inside the companion application processor.
The STA710 offers automotive grade and state-of-art RF performances with minimum
external component count.




Similar Part No. - STA710

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA7130MPR SANKEN-STA7130MPR Datasheet
55Kb / 2P
2-Phase to 2W 1-2 Phase Excitation Support, Built-in Sequencer
STA7131MPR SANKEN-STA7131MPR Datasheet
55Kb / 2P
2-Phase to 2W 1-2 Phase Excitation Support, Built-in Sequencer
STA7132MPR SANKEN-STA7132MPR Datasheet
55Kb / 2P
2-Phase to 2W 1-2 Phase Excitation Support, Built-in Sequencer
More results


Similar Description - STA710

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2297-D SAMSUNG-KA2297-D Datasheet
157Kb / 6P
AM/FM TUNER
S1A2297X01 SAMSUNG-S1A2297X01 Datasheet
104Kb / 6P
AM/FM TUNER
logo
Sanyo Semicon Device
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
AM/FM Tuner
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4629-A10 SILABS-SI4629-A10 Datasheet
984Kb / 3P
High-Performance, Single-Chip AM/FM/HD/DAB/DAB/RDS/RDBS
SI4689-A10 SILABS-SI4689-A10 Datasheet
985Kb / 3P
Single-Chip, AM/FM/HD/DAB/DAB Radio Receiver
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
STMicroelectronics
STA709 STMICROELECTRONICS-STA709 Datasheet
194Kb / 7P
AM/FM/HD-Radio??DAB automotive digital output tuner
Rev 2 - November 2019
TDA7707 STMICROELECTRONICS-TDA7707 Datasheet
201Kb / 7P
AM/FM/HD-RadioTM/DAB submicron technology automotive receiver
25-Nov-2019
TDA7708S STMICROELECTRONICS-TDA7708S Datasheet
176Kb / 7P
AM/FM/HD-RadioTM submicron technology automotive receiver
25-Nov-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com