Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA710 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA710
Description  AM/FM/HD-RadioTM/DAB automotive digital output tuner
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA710 Datasheet(HTML) 1 Page - STMicroelectronics

  STA710 Datasheet HTML 1Page - STMicroelectronics STA710 Datasheet HTML 2Page - STMicroelectronics STA710 Datasheet HTML 3Page - STMicroelectronics STA710 Datasheet HTML 4Page - STMicroelectronics STA710 Datasheet HTML 5Page - STMicroelectronics STA710 Datasheet HTML 6Page - STMicroelectronics STA710 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VFQFPN64 (9 x 9 x 1.0 mm)
GAPGPS02776
Features
AEC-Q100 qualified
Full automotive grade RFCMOS design
Quad-band:
AM/FM Band
Band-III
Band-L
Two indipendent reception channels
Integrated RF switch matrix in FM
Software configurable digital base-band interface (I2S or JESD204B)
Compatible with digital radio standards: DAB, DRM, and HD-Radio™
Software programmable
Very high dynamic range built-in ΣΔ ADC
Very low external component count (no pin diodes, transformers or varicap)
RoHS compliant small footprint package
Description
The STA710 is a single chip, full CMOS, quad-band, dual channel front-end tuner
specifically tailored to Software-Defined-Radio (SDR) systems.
When paired with an application processor, STA710 enables the implementation of a
SDR solution to receive analog (AM/FM/WX) and digital terrestrial broadcasting
standards (e.g. HD-Radio™/DAB/DRM).
The STA710 features front-end low-noise amplifiers (LNAs) covering AM band
(LW/MW/SW), FM and WX bands, DAB band-III and band-L.
After on-chip IF filtering, the STA710 digitizes the signal with a high dynamic range
ΣΔ ADC ahead of the complex phase-quadrature base-band signal down conversion
to provide a stable digital base-band output to the companion application processor.
The digital base-band signal is transmitted to the application processor via a flexible
and configurable serial digital interface operating either as single-ended I2S, LVDS
I2S or JESD204B.
The STA710 dual channel architecture enables a straightforward implementation of
audio/data foreground-background reception strategies and multipath interference
mitigation algorithms such as FM phase-diversity, DAB/DRM Maximal-Ratio-
Combining (MRC) inside the companion application processor.
The STA710 offers automotive grade and state-of-art RF performances with minimum
external component count.
Product status link
STA710
Product summary
Order code
Package
Packing
STA710EC
VFQFPN64
(9x9x1 mm)
Tray
STA710ECTR
Tape & Reel
AM/FM/HD-Radio™/DAB automotive digital output tuner
STA710
Data brief
DB3858 - Rev 2 - November 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STA710

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA7130MPR SANKEN-STA7130MPR Datasheet
55Kb / 2P
2-Phase to 2W 1-2 Phase Excitation Support, Built-in Sequencer
STA7131MPR SANKEN-STA7131MPR Datasheet
55Kb / 2P
2-Phase to 2W 1-2 Phase Excitation Support, Built-in Sequencer
STA7132MPR SANKEN-STA7132MPR Datasheet
55Kb / 2P
2-Phase to 2W 1-2 Phase Excitation Support, Built-in Sequencer
More results

Similar Description - STA710

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2297-D SAMSUNG-KA2297-D Datasheet
157Kb / 6P
AM/FM TUNER
S1A2297X01 SAMSUNG-S1A2297X01 Datasheet
104Kb / 6P
AM/FM TUNER
logo
Sanyo Semicon Device
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
AM/FM Tuner
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4629-A10 SILABS-SI4629-A10 Datasheet
984Kb / 3P
High-Performance, Single-Chip AM/FM/HD/DAB/DAB/RDS/RDBS
SI4689-A10 SILABS-SI4689-A10 Datasheet
985Kb / 3P
Single-Chip, AM/FM/HD/DAB/DAB Radio Receiver
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
STMicroelectronics
STA709 STMICROELECTRONICS-STA709 Datasheet
194Kb / 7P
AM/FM/HD-Radio??DAB automotive digital output tuner
Rev 2 - November 2019
TDA7707 STMICROELECTRONICS-TDA7707 Datasheet
201Kb / 7P
AM/FM/HD-RadioTM/DAB submicron technology automotive receiver
25-Nov-2019
TDA7708S STMICROELECTRONICS-TDA7708S Datasheet
176Kb / 7P
AM/FM/HD-RadioTM submicron technology automotive receiver
25-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com