Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1512 Datasheet (PDF) - Diodes Incorporated

AP1512 Datasheet PDF - Diodes Incorporated
Part # AP1512
Download  AP1512 Download
File Size   283.04 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 50KHz, 2A/3A PWM BUCK DC/DC CONVERTER

AP1512 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1512 Datasheet PDF - Diodes Incorporated

Part # AP1512
Download  AP1512 Click to download

File Size   283.04 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 50KHz, 2A/3A PWM BUCK DC/DC CONVERTER

AP1512 Datasheet (HTML) - Diodes Incorporated


AP1512 Product details

Features
• Output voltage: 3.3V, 5V, 12V and adjustable output
version
• Adjustable version output voltage range, 1.23V to
37V+4%
• 50KHz +15% fixed switching frequency
• Voltage mode non-synchronous PWM control
• Thermal-shutdown and current-limit protection
• ON/OFF shutdown control input
• Operating voltage can be up to 60V
• Output load current: 2A (for AP1512)
3A (for AP1512A)
• Low power standby mode
• Built-in switching transistor on chip
• Lead Free Finish/ RoHS Compliant (Note 1)

Applications
• Simple High-efficiency step-down regulator
• On-card switching regulators
• Positive to negative converter




Similar Part No. - AP1512

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1512 ANACHIP-AP1512 Datasheet
225Kb / 12P
50KHz, 2A/3A PWM Buck DC/DC Converter
Rev.1.1 Oct. 14, 2005
AP1512-12K5 ANACHIP-AP1512-12K5 Datasheet
225Kb / 12P
50KHz, 2A/3A PWM Buck DC/DC Converter
Rev.1.1 Oct. 14, 2005
AP1512-12K5A ANACHIP-AP1512-12K5A Datasheet
225Kb / 12P
50KHz, 2A/3A PWM Buck DC/DC Converter
Rev.1.1 Oct. 14, 2005
logo
Diodes Incorporated
AP1512-12K5L-13 DIODES-AP1512-12K5L-13 Datasheet
228Kb / 12P
50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
Rev 4
AP1512-12K5L-U DIODES-AP1512-12K5L-U Datasheet
228Kb / 12P
50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
Rev 4
More results


Similar Description - AP1512

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1512 ANACHIP-AP1512 Datasheet
225Kb / 12P
50KHz, 2A/3A PWM Buck DC/DC Converter
Rev.1.1 Oct. 14, 2005
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Unisonic Technologies
P3576 UTC-P3576 Datasheet
209Kb / 6P
50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1512A-K5L-13 DIODES-AP1512A-K5L-13 Datasheet
222Kb / 12P
50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
Rev 4
AP1512-50K5L-13 DIODES-AP1512-50K5L-13 Datasheet
228Kb / 12P
50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
Rev 4
logo
Unisonic Technologies
P3576 UTC-P3576_15 Datasheet
227Kb / 6P
50KHz, 2A PWM BUCK DC/DC CONVERTER
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
Rev 8
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
Rev 4
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com