Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1512 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1512
Description  50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1512 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1512 Datasheet HTML 1Page - Diodes Incorporated AP1512 Datasheet HTML 2Page - Diodes Incorporated AP1512 Datasheet HTML 3Page - Diodes Incorporated AP1512 Datasheet HTML 4Page - Diodes Incorporated AP1512 Datasheet HTML 5Page - Diodes Incorporated AP1512 Datasheet HTML 6Page - Diodes Incorporated AP1512 Datasheet HTML 7Page - Diodes Incorporated AP1512 Datasheet HTML 8Page - Diodes Incorporated AP1512 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP1512/A
50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
( Top View )
TO263-5L
1 V
IN
5 SD
4 FB
3 GND
2 Output
Metal Tab GND
Current
Source
bias
1.235V
Reference
2.5V
Regulator
50KHz
OSC.
Start
up
+
+
+
_
Thermal
Limit
Pre-driver
Comp
Comp
Gnd
Output
V
IN
SD
FB
220mV
200mV
2A
Switch
+
_
Amp
Comp
Frequecy
compen-
sation
(3A for
AP1512A)
Pin Assignments
Pin Descriptions
Name
Description
VIN
Operating voltage input
Output
Switching output
GND
Ground
FB
Output voltage feedback control
SD
ON/OFF Shutdown
Block Diagram
AP1512/A
Document number: DS31093 Rev.7 - 4
4 of 12
www.diodes.com
May 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com