Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP21410 Datasheet (PDF) - Diodes Incorporated

AP21410 Datasheet PDF - Diodes Incorporated
Part # AP21410
Download  AP21410 Download
File Size   916.25 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH

AP21410 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP21410 Datasheet PDF - Diodes Incorporated

Part # AP21410
Download  AP21410 Click to download

File Size   916.25 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH

AP21410 Datasheet (HTML) - Diodes Incorporated


AP21410 Product details

Features
 Single USB Port Power Switches
 Overcurrent and Thermal Protection
 0.4A Typical Current Limiting
 Reverse Current Blocking
 95mΩ On-Resistance
 Input Voltage Range: 2.7V to 5.5V
 0.4ms Typical Rise Time
 Very Low Shutdown Current: 1µA (Max)
 ESD Protection: 4KV HBM, 400V MM
 Active Low (AP21410) or Active High (AP21510) Enable
 Ambient Temperature Range -40°C to +85°C
 U-DFN2018-6: Available in “Green” Molding Compound (No Br,
Sb)
 15kV ESD Protection per IEC 61000-4-2 (with External
Capacitance)
 UL Recognized, File Number E322375
 IEC60950-1 CB Scheme Certified
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 Consumer Electronics – LCD TVs & Monitors, Game Machines
 Communications – Set-Top Boxes, GPS, Smartphones
 Computing – Laptops, Desktops, Servers, Printers, Docking
Stations, HUBs




Similar Part No. - AP21410

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2141 DIODES-AP2141 Datasheet
389Kb / 19P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2151 Rev. 6
AP2141 DIODES-AP2141 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141 DIODES-AP2141 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141 DIODES-AP2141 Datasheet
389Kb / 19P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
More results


Similar Description - AP21410

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
AP2331 DIODES-AP2331 Datasheet
242Kb / 11P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
Rev erse-
AP2501 DIODES-AP2501_13 Datasheet
509Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Diodes Incorporated
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2331TD DIODES-AP2331TD Datasheet
746Kb / 11P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE
October 2017
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com