Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2331TD Datasheet (PDF) - Diodes Incorporated

AP2331TD Datasheet PDF - Diodes Incorporated
Part # AP2331TD
Download  AP2331TD Download
File Size   746.34 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE

AP2331TD Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2331TD Datasheet PDF - Diodes Incorporated

Part # AP2331TD
Download  AP2331TD Click to download

File Size   746.34 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE

AP2331TD Datasheet (HTML) - Diodes Incorporated


AP2331TD Product details

Features
 Quick Turn-off of Output Discharge Path at Power Down
 Input Voltage Range: 2.7V to 5.2V
 Fast Short-Circuit Response Time
 0.4A Accurate Current Limiting
 250mΩ On-Resistance
 Reverse-Current Blocking
 Built-In Soft-Start with 0.7ms Typical Turn-On Time
 Over-Current Protection
 Over-Voltage Protection
 Short-Circuit and Thermal Protection
 ESD Protection: 3kV HBM, 300V MM
 Ambient Temperature Range: -40°C to +85°C
 Available in “Green” Molding Compound (No Br, Sb)
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 UL Recognized, File Number E322375
 IEC60950-1 CB Scheme Certified

Applications
 LCD TVs & Monitors
 Set-Top Boxes, Residential Gateways
 Laptops, Desktops, Servers
 Printers, Docking Stations, HUBs
 Smart Phones, e-Readers




Similar Part No. - AP2331TD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2331 DIODES-AP2331 Datasheet
242Kb / 11P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
Rev erse-
logo
Advanced Power Electron...
AP2331GN-HF A-POWER-AP2331GN-HF Datasheet
64Kb / 4P
Simple Drive Requirement, Small Package Outline, Surface Mount Device
AP2331GN-HF A-POWER-AP2331GN-HF_14 Datasheet
64Kb / 4P
Simple Drive Requirement
logo
Diodes Incorporated
AP2331SA-7 DIODES-AP2331SA-7 Datasheet
242Kb / 11P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
Rev erse-
AP2331W DIODES-AP2331W Datasheet
242Kb / 11P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
Rev erse-
More results


Similar Description - AP2331TD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2141D DIODES-AP2141D Datasheet
565Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2181D DIODES-AP2181D Datasheet
468Kb / 18P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32251 Rev. 1 - 2
AP2141D_1009 DIODES-AP2141D_1009 Datasheet
504Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 2 - 2
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
AP2337 DIODES-AP2337 Datasheet
288Kb / 10P
1.0A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
Rev erse
AP2331 DIODES-AP2331 Datasheet
242Kb / 11P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
Rev erse-
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
Rev erse
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Diodes Incorporated
AP21410 DIODES-AP21410 Datasheet
916Kb / 14P
0.2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
June 2015
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com