Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22652AW6-7 Datasheet (PDF) - Diodes Incorporated

AP22652AW6-7 Datasheet PDF - Diodes Incorporated
Part # AP22652AW6-7
Download  AP22652AW6-7 Download
File Size   817.07 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES

AP22652AW6-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP22652AW6-7 Datasheet PDF - Diodes Incorporated

Part # AP22652AW6-7
Download  AP22652AW6-7 Click to download

File Size   817.07 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES

AP22652AW6-7 Datasheet (HTML) - Diodes Incorporated


AP22652AW6-7 Product details

Features
• Up to 2.1A Maximum Load Current
• Accurate Adjustable Current Limit, 125mA to 2665mA
• ±7% Accurate Adjustable Current Limit, 1.735A with RLIM = 15kΩ
• Constant-Current (AP22652/53) During Overcurrent
• Output Latch-Off (AP22652A/53A) at Overcurrent
• Fast Short-Circuit Response Time: 5µs (typ)
• Reverse Current Blocking During Shutdown and Reverse Current
Limiting During Enable
• Operating Range: 3.0V to 5.5V
• Built-In Soft-Start with 0.5ms Typical Rise Time
• Overcurrent, Output Overvoltage, and Thermal Protection
• Fault Report (FAULT) with Blanking Time
• ESD Protection: 2kV HBM, 500V CDM
• 15kV ESD Protection per IEC61000-4-2 (With External Capacitance)
• UL Recognized, File Number E322375, Vol. 1
• IEC60950-1 CB Scheme Certified
• Active-Low (AP22652/52A) or Active-High (AP22653/53A) Enable
• Ambient Temperature Range: -40ºC to +85°C
• SOT26 (Type A1) and W-DFN2020-6 (Type A1) Packages:
Available in “Green” Molding Compound (No Br, Sb)
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please

Applications
• Set-Top Boxes
• LCD TVs & Monitors
• Residential Gateways
• Laptops, Desktops, Servers, e-Readers, Printers, Docking
Stations, HUBs




Similar Part No. - AP22652AW6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22653Q DIODES-AP22653Q Datasheet
747Kb / 13P
PRECISON-ADJUSTABLE CURRENT-LIMITED AUTOMOTIVE-COMPLIANT POWER SWITCH
September 2021 Rev. 4 - 2
AP22653QW6-7 DIODES-AP22653QW6-7 Datasheet
747Kb / 13P
PRECISON-ADJUSTABLE CURRENT-LIMITED AUTOMOTIVE-COMPLIANT POWER SWITCH
September 2021 Rev. 4 - 2
More results


Similar Description - AP22652AW6-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
Precision Adjustable Current-Limited Power-Distribution Switches
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com