Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22653Q Datasheet (PDF) - Diodes Incorporated

AP22653Q Datasheet PDF - Diodes Incorporated
Part # AP22653Q
Download  AP22653Q Download
File Size   747.33 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PRECISON-ADJUSTABLE CURRENT-LIMITED AUTOMOTIVE-COMPLIANT POWER SWITCH

AP22653Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AP22653Q Datasheet PDF - Diodes Incorporated

Part # AP22653Q
Download  AP22653Q Click to download

File Size   747.33 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PRECISON-ADJUSTABLE CURRENT-LIMITED AUTOMOTIVE-COMPLIANT POWER SWITCH

AP22653Q Datasheet (HTML) - Diodes Incorporated


AP22653Q Product details

Features
• AEC qualified to AEC-Q100 Grade 1 offering –40°C to 125°C Ambient Operating Temperature Range
• Up to 1.5A Maximum Load Current
• Accurate Adjustable Current Limit, 125mA to 1735mA
• ±7% Accurate Adjustable Current Limit, 1.735A with RLIM = 15kΩ
• Constant-Current Version
• Fast Short-Circuit Response Time: 5μs (Typ.)
• Reverse Current Blocking During Shutdown and Reverse Current Limiting During Enable
• Operating Range: 3.0V to 5.5V
• Built-In Soft-Start with 0.5ms Typical Rise Time
• Overcurrent, Output Overvoltage, and Thermal Protection
• Fault Report (FAULT) with Blanking Time
• ESD Protection: 2kV HBM, 750V CDM
• Enable Active High
• SOT26 Package: Available in “Green” Molding Compound (No Br, Sb)
• 16kV ESD Protection per IEC61000-4-2 (With External Capacitance)
• UL Recognized.
• IEC60950-1 CB Scheme Certified
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The AP22653Q is suitable for automotive applications requiring specific change control; this part is AEC-Q100 qualified, PPAP capable, and manufactured in IATF 16949 certified facilities.

Applications
• Automotive ECU Supply Rail Power Distribution and Switching
• Automotive ECU Supply Rail Precision Current Limiting




Similar Part No. - AP22653Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22653 DIODES-AP22653 Datasheet
817Kb / 16P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
AP22653A DIODES-AP22653A Datasheet
817Kb / 16P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
AP22653AFDZ-7 DIODES-AP22653AFDZ-7 Datasheet
817Kb / 16P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
AP22653AW6-7 DIODES-AP22653AW6-7 Datasheet
817Kb / 16P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
AP22653FDZ-7 DIODES-AP22653FDZ-7 Datasheet
817Kb / 16P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
More results


Similar Description - AP22653Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2561-Q1 TI1-TPS2561-Q1 Datasheet
1Mb / 25P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
logo
NXP Semiconductors
NX5P2553 PHILIPS-NX5P2553_15 Datasheet
1Mb / 24P
Precision adjustable current-limited power switch
Rev. 1-6 July 2015
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
Precision Adjustable Current-Limited Power-Distribution Switch
logo
Pericom Semiconductor C...
PI5PD2556 PERICOM-PI5PD2556 Datasheet
897Kb / 12P
Precision Adjustable Current -Limited Power Switch
PI5PD2560 PERICOM-PI5PD2560 Datasheet
786Kb / 12P
Dual Channel, Adjustable Current -Limited Power Switch
logo
Texas Instruments
TPS2556-Q1 TI1-TPS2556-Q1 Datasheet
1Mb / 28P
Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
Precision Adjustable Current-Limited Power-Distribution Switch
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
Adjustable Current-Limited, Power-Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com