Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22653Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22653Q
Description  PRECISON-ADJUSTABLE CURRENT-LIMITED AUTOMOTIVE-COMPLIANT POWER SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22653Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22653Q Datasheet HTML 1Page - Diodes Incorporated AP22653Q Datasheet HTML 2Page - Diodes Incorporated AP22653Q Datasheet HTML 3Page - Diodes Incorporated AP22653Q Datasheet HTML 4Page - Diodes Incorporated AP22653Q Datasheet HTML 5Page - Diodes Incorporated AP22653Q Datasheet HTML 6Page - Diodes Incorporated AP22653Q Datasheet HTML 7Page - Diodes Incorporated AP22653Q Datasheet HTML 8Page - Diodes Incorporated AP22653Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP22653Q
Document number: DS42760 Rev. 4 - 2
2 of 13
www.diodes.com
September 2021
© Diodes Incorporated
AP22653Q
Typical Applications Circuit (Note 4)
Note:
4. 120µF Output Capacitance is a Requirement of USB.
Pin Descriptions
Pin Name
Pin Number
I/O
Function
IN
1
I
Input, connect a 0.1µF or greater ceramic capacitor from IN to GND as close to IC as possible.
GND
2
—
Ground, connect to external exposed pad.
EN
3
I
Enable input, logic high turns on power switch.
FAULT
4
O
Active-low open-drain output, asserted during overcurrent, overtemperature, or reverse-voltage
conditions.
ILIM
5
O
Use external resistor to set current-limit threshold; recommended 15kΩ ≦ RLIM ≦ 210kΩ
OUT
6
O
Voltage Output Pin, connect a 0.1μF bypass capacitor and a high-value capacitor to GND, close to
IC. (At least 10μF in USB application.)
Exposed Pad
—
—
Internal connection to GND; Connect to GND externally for improved power dissipation. It should
not be used as electrical ground conduction path.
Functional Block Diagram
Thermal
Sense
FAULT
OUT
GND
IN
EN
UVLO
Current
Limit
Current
Sense
Deglitch
Discharge
Control
Driver
Non
Latch off
ILIM
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com