Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet (PDF) - STMicroelectronics

L9788 Datasheet PDF - STMicroelectronics
Part # L9788
Download  L9788 Download
File Size   3905.87 Kbytes
Page   264 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multifunction IC for automotive engine management system

L9788 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9788 Datasheet PDF - STMicroelectronics

Part # L9788
Download  L9788 Click to download

File Size   3905.87 Kbytes
Page   264 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multifunction IC for automotive engine management system

L9788 Datasheet (HTML) - STMicroelectronics


L9788 Product details

Features
 AEC-Q100 qualified
 Engineered for ISO26262 compliant system
 1 pre-boost regulator and 1 pre-buck regulator
 1 linear 5 V regulator with 1 A output current
 3 independent self-protection 5 V tracking
regulator with 150 mA output.
 1 input voltage pin for monitor external
tracking.
 Coordinated soft start-up of all regulators
 4 channels LS injector LS drivers
 2 channels LS drivers for O2H load with current
sense
 2 channels LS camshaft or solenoid drivers
 5 channels LS relay drivers
 2 channels LS LED drivers
 3 channels LS/HS drivers with low battery
function for smart start
 1 channel LS main relay driver (MRD) with
internal diode for reverse battery protection
 5 channels pre-drivers for external FET drivers.
Pre-driver 1&3 configurable for O2H load with
external Rshunt-on the source of Ext.
N-channel MOS
 6 channels pre-drivers for internal or external
igniter drivers
 1 K-Line ISO9141/LIN 2.1 compliant
 Integrated charge-pump
 VRS-interface
 Watchdog
 Wake-up pin
 Temperature sensor and monitoring
 Stop-counter with wakeup
 Dual bandgap reference & oscillator
 Micro-second-channel MSC for differential
single ended mode
 SEO function
 CAN-FD with wakeup by CAN function
 Package LQFP100 exposed pad

Description
The L9788 is an integrated circuit designed for automotive engine management system.
L9788 is a device realized in ST BCD proprietary technology, able to provide the full set of power supplies and signal preprocessing peripherals needed to control a 4-cylinders internal combustion engine.




Similar Part No. - L9788

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9780 STMICROELECTRONICS-L9780 Datasheet
872Kb / 56P
Wide range air fuel sensor control interface
27-Nov-2014
L9780TR STMICROELECTRONICS-L9780TR Datasheet
872Kb / 56P
Wide range air fuel sensor control interface
27-Nov-2014
L9781 STMICROELECTRONICS-L9781 Datasheet
270Kb / 10P
Automotive multiple valve pre-driver for diesel and gasoline direct injection
L9781TR STMICROELECTRONICS-L9781TR Datasheet
270Kb / 10P
Automotive multiple valve pre-driver for diesel and gasoline direct injection
More results


Similar Description - L9788

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33810 FREESCALE-MC33810 Datasheet
878Kb / 34P
Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
Automotive Engine Control IC
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
Automotive Engine Control IC
logo
Infineon Technologies A...
TLE8888-1QK INFINEON-TLE8888-1QK_15 Datasheet
3Mb / 202P
Engine Management System IC for 4 Cylinder Cars
Rev. 1.1, 2014-08-20
logo
STMicroelectronics
L9779WD STMICROELECTRONICS-L9779WD Datasheet
2Mb / 170P
Multifunction IC for engine management system
14-Sep-2015
logo
Infineon Technologies A...
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
Engine management IC for Small Engines
Rev 1.0, 2012-10-01
TLE8082ES INFINEON-TLE8082ES Datasheet
3Mb / 61P
Small engine management IC
Rev. 1.0 2021-03-23
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
Automotive engine management control IC for small engines
November 2020 Rev 5
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
Power Management System IC
2015-6-5
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com