Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177A Datasheet (PDF) - STMicroelectronics

L9177A Datasheet PDF - STMicroelectronics
Part # L9177A
Download  L9177A Download
File Size   974.73 Kbytes
Page   55 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive engine management control IC for small engines

L9177A Datasheet (PDF)

Go To PDF Page Download Datasheet
L9177A Datasheet PDF - STMicroelectronics

Part # L9177A
Download  L9177A Click to download

File Size   974.73 Kbytes
Page   55 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive engine management control IC for small engines

L9177A Datasheet (HTML) - STMicroelectronics


L9177A Product details

Features
■ AEC-Q100 qualified
■ Supply voltage from 6 V to 18 V – Basic functionality guaranteed down to 3.9 V
■ 5 V regulator up to 300 mA with thermal shutdown protection in current limitation condition
■ 5 V tracking regulator up to 40 mA and short to battery protection
■ 5 V standby regulator up to 2.5 mA
■ 2 channels injectors drivers – Parallel and serial driving – Output internally clamped to 60 V – Minimum overcurrent at 2.8 A – Ron 0.6 Ω worst case (at Tj = 150 °C)
■ 3 relay drivers – 2 with parallel and serial driving, 1 with serial driving – Output internally clamped to 45 V – Minimum guaranteed output current 1 A – Ron 1.5 Ω worst case (at Tj = 150 °C)
■ Tachometer driver – Parallel and serial driving – Minimum guaranteed output current 25 mA – Ron 5 Ω worst case (at Tj = 150 °C)
■ Current limited low side driver (LSD) – Serial driving – Output internally clamped to 45 V – Minimum guaranteed output current 1 A (2 A during in-rush) – Ron 1.5 Ω worst case (at Tj = 150 °C)
■ Stepper motor driver – Parallel driving – Minimum guaranteed output current 500 mA - full step – Ron 2.6 Ω worst case on the diagonal (at Tj = 150 °C)
■ O2 sensor heater – Parallel and serial driving – Output internally clamped to 45 V – Minimum guaranteed output current 3 A – Ron 0.5 Ω worst case (at Tj = 150 °C)
■ Protected high side driver – 100 mA min. current limitation threshold Product status link L9177A Product summary




Similar Part No. - L9177A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9177 STMICROELECTRONICS-L9177 Datasheet
971Kb / 49P
Peripheral on chip for low end engine control
L9177TR STMICROELECTRONICS-L9177TR Datasheet
971Kb / 49P
Peripheral on chip for low end engine control
More results


Similar Description - L9177A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33810 FREESCALE-MC33810 Datasheet
878Kb / 34P
Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
Automotive Engine Control IC
33812 FREESCALE-33812 Datasheet
480Kb / 25P
SMALL ENGINE CONTROL IC
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
Automotive Engine Control IC
33813 FREESCALE-33813 Datasheet
2Mb / 54P
One Cylinder Small Engine Control IC
MC33814 FREESCALE-MC33814 Datasheet
2Mb / 50P
Two Cylinder Small Engine Control IC
logo
Infineon Technologies A...
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
Engine management IC for Small Engines
Rev 1.0, 2012-10-01
TLE8082ES INFINEON-TLE8082ES Datasheet
3Mb / 61P
Small engine management IC
Rev. 1.0 2021-03-23
logo
STMicroelectronics
L9788 STMICROELECTRONICS-L9788 Datasheet
3Mb / 264P
Multifunction IC for automotive engine management system
30-May-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com