Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177TR Datasheet (PDF) - STMicroelectronics

L9177TR Datasheet PDF - STMicroelectronics
Part # L9177TR
Download  L9177TR Download
File Size   971.7 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Peripheral on chip for low end engine control

L9177TR Datasheet (PDF)

Go To PDF Page Download Datasheet
L9177TR Datasheet PDF - STMicroelectronics

Part # L9177TR
Download  L9177TR Click to download

File Size   971.7 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Peripheral on chip for low end engine control

L9177TR Datasheet (HTML) - STMicroelectronics


L9177TR Product details

Features
 Supply voltage from 6 V to 18 V
– Basic functionality guaranteed down to 3.9 V
 5 V regulator up to 300 mA with thermal
shutdown protection in current limitation
condition
 5 V tracking regulator up to 40 mA and short to
battery protection
 5 V standby regulator up to 2.5 mA
 2 channels injectors drivers
– Parallel and serial driving
– Output internally clamped to 60 V
– Minimum overcurrent at 2.8 A
– Ron 0.6 Ω worst case (at Tj = 150 °C)
 3 relay drivers
– 2 with parallel and serial driving, 1 with
serial driving
– Output internally clamped to 45 V
– Minimum guaranteed output current 1 A
– Ron 1.5 Ω worst case (at Tj = 150 °C)
 Tachometer driver
– Parallel and serial driving
– Minimum guaranteed output current 25 mA
– Ron 5 Ω worst case (at Tj = 150 °C)
– Serial driving
– Output internally clamped to 45 V
– Minimum guaranteed output current 1 A
(2 A during in-rush)
– Ron 1.5 Ω worst case (at Tj = 150 °C)
 Stepper motor driver
– Parallel driving
– Minimum guaranteed output current
500 mA - full step
– Ron 2.6 Ω worst case on the diagonal
(at Tj = 150 °C)
 O2 sensor heater
– Parallel and serial driving
– Output internally clamped to 45 V
– Minimum guaranteed output current 3 A
– Ron 0.5 Ω worst case (at Tj = 150 °C)
 Protected high side driver
– 100 mA min. current limitation threshold
 Full diagnosis by SPI
– Injector driver: OL, STG, OC
– Relay and Lamp drivers: OL, STG, OC
– O2 sensor heater: OL, STG, OC
– Tachometer: OL, STG, OC
– Stepper motor driver: OL, STG, STB, OC
– general diagnostic: over-temperature
 Protection for STB, STG (for stepper motor
drivers and tracking regulator)
 Self configuring variable reluctance sensor
interface
 K-line transceiver
 Microcontroller reset logic
 Packaged in PowerSO46




Similar Part No. - L9177TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
Automotive engine management control IC for small engines
November 2020 Rev 5
L9177ATR STMICROELECTRONICS-L9177ATR Datasheet
974Kb / 55P
Automotive engine management control IC for small engines
November 2020 Rev 5
More results


Similar Description - L9177TR

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ8519X SHARP-LZ8519X Datasheet
28Kb / 2P
IrDA Control Peripheral Engine (PE)
logo
STMicroelectronics
L9758 STMICROELECTRONICS-L9758 Datasheet
270Kb / 29P
Multiple supply for engine control
23-Nov-2010
logo
Fairchild Semiconductor
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
Automotive Engine Control
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
Automotive Engine Control
FDD86367_F085 FAIRCHILD-FDD86367_F085 Datasheet
340Kb / 6P
Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
Automotive Engine Control
logo
List of Unclassifed Man...
P-51 ETC1-P-51 Datasheet
487Kb / 4P
Peripheral 8051 System on a Chip
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com