Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLAMP0511ZV Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PCLAMP0511ZV Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PCLAMP0511ZV
Download  PCLAMP0511ZV Download
File Size   1789.15 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Bi-directional ESD Diode

PCLAMP0511ZV Datasheet (PDF)

Go To PDF Page Download Datasheet
PCLAMP0511ZV Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PCLAMP0511ZV
Download  PCLAMP0511ZV Click to download

File Size   1789.15 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Bi-directional ESD Diode

PCLAMP0511ZV Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


PCLAMP0511ZV Product details

Features
Ultra small package: 1.0x0.6x0.5mm
Protects one power line
Ultra low leakage: nA level
Low clamping voltage
2-pin leadless package
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
–IEC61000-4-5 (Lightning) 100A (8/20μs)
RoHS Compliant

Applications
Mobile Phones
Battery Protection
Power Line Protection
Vbat pin for Mobile Devices
Hand Held Portable Applications




Similar Part No. - PCLAMP0511ZV

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PCLA3030 CELDUC-PCLA3030 Datasheet
368Kb / 2P
MAGNETIC PROXIMITY SENSOR
More results


Similar Description - PCLAMP0511ZV

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU2521P0 APMICRO-AU2521P0 Datasheet
688Kb / 4P
1-Line Bi-directional 2.5V ESD Protection Diode
AU2521P1 APMICRO-AU2521P1 Datasheet
643Kb / 4P
1-Line Bi-directional 2.5V ESD Protection Diode
AU3321P1 APMICRO-AU3321P1 Datasheet
1Mb / 4P
1-Line Bi-directional 3.3V ESD Protection Diode
logo
Shanghai Leiditech Elec...
UCLAMP5501ZV LEIDITECH-UCLAMP5501ZV Datasheet
1Mb / 4P
1-Line Bi-directional ESD Diode
Rev 2.0 : 10.07.2021
logo
TECH PUBLIC Electronics...
PESD3V3L1BA TECHPUBLIC-PESD3V3L1BA Datasheet
2Mb / 4P
1-Line Bi-directional Diode
PSD03C TECHPUBLIC-PSD03C Datasheet
1,010Kb / 4P
1-Line Bi-directional Diode
SD03C TECHPUBLIC-SD03C Datasheet
964Kb / 4P
1-Line Bi-directional Diode
TPE03GHC TECHPUBLIC-TPE03GHC Datasheet
1,023Kb / 4P
1-Line Bi-directional Diode
TPE12EC TECHPUBLIC-TPE12EC Datasheet
2Mb / 4P
1-Line Bi-directional Diode
SMF3.3CA TECHPUBLIC-SMF3.3CA Datasheet
14Mb / 4P
1-Line Bi-directional Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com