Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDNC2FD5VB Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PESDNC2FD5VB Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PESDNC2FD5VB
Download  PESDNC2FD5VB Download
File Size   1908.75 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Bi-directional TVS Diode

PESDNC2FD5VB Datasheet (PDF)

Go To PDF Page Download Datasheet
PESDNC2FD5VB Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESDNC2FD5VB
Download  PESDNC2FD5VB Click to download

File Size   1908.75 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Bi-directional TVS Diode

PESDNC2FD5VB Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


PESDNC2FD5VB Product details

Features
Ultra small package: 1.0x0.6x0.5mm
Ultra low capacitance: 15pF typical Ultra low leakage: nA level
Low operating voltage: 5V
Low clamping voltage
2-pin leadless package
Complies with following standards:
IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
IEC61000-4-5 (Lightning) 6A (8/20μs)
RoHS Compliant

Applications
Cellular Handsets and Accessories Personal Digital Assistants
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras Peripherals
Audio Players
Keypads, Side Keys, LCD Displays




Similar Part No. - PESDNC2FD5VB

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
PESDNC2FD5VB UMW-PESDNC2FD5VB Datasheet
452Kb / 4P
80W peak pulse power per line (tP = 8/20μs)
logo
EVER SEMICONDUCTOR CO.,...
PESDNC2FD5VB EVVOSEMI-PESDNC2FD5VB Datasheet
400Kb / 4P
ESD Protection Devices ROHS
Rev:2023A2
logo
Shanghai Prisemi Electr...
PESDNC2FD5VBN PRISEMI-PESDNC2FD5VBN Datasheet
373Kb / 7P
Bi-directional 5V Normal Capacitance ESD Protector
Rev.06.2
More results


Similar Description - PESDNC2FD5VB

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P1H APMICRO-AU4581P1H Datasheet
705Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P6 APMICRO-AU4581P6 Datasheet
748Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
SDA0511CDN LEIDITECH-SDA0511CDN Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com