Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDNC2FD5VB Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

PESDNC2FD5VB Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # PESDNC2FD5VB
Download  PESDNC2FD5VB Download
File Size   400.62 Kbytes
Page   4 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description ESD Protection Devices ROHS

PESDNC2FD5VB Datasheet (PDF)

Go To PDF Page Download Datasheet
PESDNC2FD5VB Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # PESDNC2FD5VB
Download  PESDNC2FD5VB Click to download

File Size   400.62 Kbytes
Page   4 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description ESD Protection Devices ROHS

PESDNC2FD5VB Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


PESDNC2FD5VB Product details

Feature
80W peak pulse power per line (tP = 8/20μs)
DFN1006 package
Replacement for MLV(0402)
Bidirectional configurations
Response time is typically < 1ns
Low clamping voltage
RoHS compliant
Transient protection for data lines to
IEC61000-4-2(ESD) ±30KV(air), ±30KV(contact);
IEC61000-4-4 (EFT) 40A (5/50ns)




Similar Part No. - PESDNC2FD5VB

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESDNC2FD5VB LEIDITECH-PESDNC2FD5VB Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Guangdong Youtai Semico...
PESDNC2FD5VB UMW-PESDNC2FD5VB Datasheet
452Kb / 4P
80W peak pulse power per line (tP = 8/20μs)
logo
Shanghai Prisemi Electr...
PESDNC2FD5VBN PRISEMI-PESDNC2FD5VBN Datasheet
373Kb / 7P
Bi-directional 5V Normal Capacitance ESD Protector
Rev.06.2
More results


Similar Description - PESDNC2FD5VB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD0402-140 MACOM-PESD0402-140 Datasheet
275Kb / 6P
ESD Protection Devices
logo
Surge Components
ESDPSA0402V05 SURGE-ESDPSA0402V05 Datasheet
210Kb / 5P
ESD Protection Devices
ESDPSA0603V24 SURGE-ESDPSA0603V24 Datasheet
208Kb / 5P
ESD Protection Devices
logo
Nanjing International G...
ESDPSA0603V12-3.0 DGNJDZ-ESDPSA0603V12-3.0 Datasheet
227Kb / 5P
ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV12 LEIDITECH-PESD0603AV12 Datasheet
496Kb / 6P
ESD Protection Devices
logo
E-CMOS Corporation
ECSD0402V12 E-CMOS-ECSD0402V12 Datasheet
157Kb / 4P
ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV24 LEIDITECH-PESD0603AV24 Datasheet
553Kb / 6P
ESD Protection Devices
logo
Nanjing International G...
ESD0402V05 DGNJDZ-ESD0402V05 Datasheet
1Mb / 5P
ESD Protection Devices
ESDPSA0402V18 DGNJDZ-ESDPSA0402V18 Datasheet
343Kb / 5P
ESD Protection Devices
3.0
ESDU02A12VR25V DGNJDZ-ESDU02A12VR25V Datasheet
359Kb / 5P
ESD Protection Devices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com