Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDNC2FD5VB Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # PESDNC2FD5VB
Description  ESD Protection Devices ROHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

PESDNC2FD5VB Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  PESDNC2FD5VB Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED PESDNC2FD5VB Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED PESDNC2FD5VB Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED PESDNC2FD5VB Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig 1.Pulse Waveform
Fig 2.Power Derating Curve
Typical Characteristics
100
80
60
40
20
0
100
80
60
40
20
0
0
5
10
15
20
25
30
0
25
50
75
100
125
150
t - Time -μs
TL – Lead Temperature - ℃
tP =20μs(IPP /2)
tf=8μs
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Peak Reverse Working Voltage
VRWM
5
V
Breakdown Voltage
VBR
It = 1mA
5.6
6.7
7.8
V
Reverse Leakage Current
IR
VRWM = 5V T=25℃
1.0
μA
Maximum Reverse Peak Pulse Current
IPP
5.5
A
Clamping Voltage
VC
IPP=1A
10
V
Clamping Voltage
VC
IPP=3A
13
V
Clamping Voltage
VC
IPP=5A
15
V
Junction Capacitance
Cj
VR=0V
f = 1MHz
15
20
pF
Electrical characteristics per line@25
℃ (unless otherwise specified)
Symbol
Parameter
VRWM
Peak Reverse Working Voltage
IR
Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
PPP
Peak Pulse Power
CJ
Junction Capacitance
IF
Forward Current
VF
Forward Voltage @ IF
Electronics Parameter
V
IR
IT
IPP
VRWM VBR VC
IR
IT
IPP
VRWM
VBR
VC
I
Rev:2023A2
2
PESDNC2FD5VB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com