Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDM3551MXT5G Datasheet (PDF) - ON Semiconductor

ESDM3551MXT5G Datasheet PDF - ON Semiconductor
Part # ESDM3551MXT5G
Download  ESDM3551MXT5G Download
File Size   303.02 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5.5 V ESD Protection Diode Micro-Packaged Diodes for ESD Protection

ESDM3551MXT5G Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDM3551MXT5G Datasheet PDF - ON Semiconductor

Part # ESDM3551MXT5G
Download  ESDM3551MXT5G Click to download

File Size   303.02 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5.5 V ESD Protection Diode Micro-Packaged Diodes for ESD Protection

ESDM3551MXT5G Datasheet (HTML) - ON Semiconductor


ESDM3551MXT5G Product details

The ESDM3551 is designed to protect voltage sensitive components
that require low capacitance from ESD and transient voltage events.
Excellent clamping capability, low capacitance, low leakage, and fast
response time, make these parts ideal for ESD protection on designs
where board space is at a premium.

Features
• Low Clamping Voltage
• Small Body Outline Dimensions:
− 0201: 0.62 mm x 0.32 mm
− 0402: 1.00 mm x 0.60 mm
• Low Body Height: 0.3 mm
• Stand−off Voltage: 5.5 V
• IEC61000−4−2 Level 4 ESD Protection
• SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Typical Applications
• USB ID Line Protection
• uSD Card Protection
• Audio Line Protection
• GPIO




Similar Part No. - ESDM3551MXT5G

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ESDM3551N2T5G TECHPUBLIC-ESDM3551N2T5G Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
More results


Similar Description - ESDM3551MXT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD5B5.0ST1G ONSEMI-ESD5B5.0ST1G Datasheet
60Kb / 3P
Transient Voltage Suppressor Bi-directional Micro-Packaged Diode for ESD Protection
November, 2006 ??Rev. 1
ESD7C3.3DT5G ONSEMI-ESD7C3.3DT5G Datasheet
85Kb / 4P
Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
April, 2008 - Rev. 2
ESD9B5.0ST5G ONSEMI-ESD9B5.0ST5G Datasheet
86Kb / 4P
Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
April, 2008 - Rev. 2
ESDL4151 ONSEMI-ESDL4151 Datasheet
339Kb / 7P
ESD and Surge Protection Device, Bidirectional, 15 V Micro?뭁ackaged Diodes for ESD Protection
September, 2019 ??Rev. 0
ESDM1131 ONSEMI-ESDM1131 Datasheet
314Kb / 7P
3.3 V ESD Protection Diodes
March, 2018 ??Rev. 1
ESDM3033 ONSEMI-ESDM3033 Datasheet
212Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
June, 2020 ??Rev. 1
SESDU1052 ONSEMI-SESDU1052 Datasheet
226Kb / 6P
ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
August, 2021 ??Rev. 0
ESDM1053 ONSEMI-ESDM1053 Datasheet
213Kb / 6P
ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
March, 2022 ??Rev. 0
ESD5101 ONSEMI-ESD5101_V01 Datasheet
277Kb / 9P
ESD Protection Diodes Micro-packaged Diodes for ESD Protection
June, 2018 ??Rev. 6
ESDL2012 ONSEMI-ESDL2012 Datasheet
207Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
November, 2019 ??Rev.1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com