Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP65352 Datasheet (PDF) - Diodes Incorporated

AP65352 Datasheet PDF - Diodes Incorporated
Part # AP65352
Download  AP65352 Download
File Size   809.35 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER

AP65352 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP65352 Datasheet PDF - Diodes Incorporated

Part # AP65352
Download  AP65352 Click to download

File Size   809.35 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER

AP65352 Datasheet (HTML) - Diodes Incorporated


AP65352 Product details

Features
Fixed Frequency Emulated Constant On-Time Control
Good Stability Independent of the Output Capacitor ESR
Fast Load Transient Response
Synchronous Rectification: 90mΩ Internal High-Side Switch and
57mΩ Internal Low-Side Switch
Wide Input Voltage Range: 4.5V to 18V
Output Voltage Range: 0.76V to 6V
3A Continuous Output Current
650kHz Switching Frequency
Built-in Overcurrent Limit
Built-in Overvoltage Protection
Built-in Thermal Shutdown Protection
Programmable Soft-Start
Pre-Biased Start-Up
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
Gaming Consoles
Flat Screen TV Sets and Monitors
Set-Top Boxes
Distributed Power Systems
Home Audio
Consumer Electronics
Network Systems
FPGA, DSP and ASIC Supplies
Green Electronics




Similar Part No. - AP65352

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65353 DIODES-AP65353 Datasheet
1Mb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65353SP-13 DIODES-AP65353SP-13 Datasheet
1Mb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65355 DIODES-AP65355 Datasheet
584Kb / 15P
650kHz ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65355FN-7 DIODES-AP65355FN-7 Datasheet
584Kb / 15P
650kHz ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
More results


Similar Description - AP65352

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2319-J-00A MPS-EV2319-J-00A Datasheet
377Kb / 6P
18V/3A, 650KHz, Step Down Converter Evaluation Board
logo
Diodes Incorporated
AP65353 DIODES-AP65353 Datasheet
1Mb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65355 DIODES-AP65355 Datasheet
584Kb / 15P
650kHz ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65450 DIODES-AP65450 Datasheet
579Kb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65453 DIODES-AP65453 Datasheet
830Kb / 14P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 1
AP65550 DIODES-AP65550 Datasheet
622Kb / 16P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 5
AP65452 DIODES-AP65452 Datasheet
1Mb / 13P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2017
AP65454 DIODES-AP65454 Datasheet
1Mb / 13P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2017
AP65455 DIODES-AP65455 Datasheet
1Mb / 15P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2018
AP65552 DIODES-AP65552 Datasheet
1Mb / 13P
5A, 18V, 650kHz ADAPTIVE CCM/COT STEP-DOWN CONVERTER
October 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com