Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP65352 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP65352
Description  3A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65352 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP65352 Datasheet HTML 1Page - Diodes Incorporated AP65352 Datasheet HTML 2Page - Diodes Incorporated AP65352 Datasheet HTML 3Page - Diodes Incorporated AP65352 Datasheet HTML 4Page - Diodes Incorporated AP65352 Datasheet HTML 5Page - Diodes Incorporated AP65352 Datasheet HTML 6Page - Diodes Incorporated AP65352 Datasheet HTML 7Page - Diodes Incorporated AP65352 Datasheet HTML 8Page - Diodes Incorporated AP65352 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AP65352
Document number: DS38482 Rev. 2 - 3
5 of 15
www.diodes.com
December 2017
© Diodes Incorporated
AP65352
Electrical Characteristics (@TA = +25°C, VIN = 12V, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE (VIN PIN)
Input Voltage
VIN
—
4.5
—
18
V
Quiescent Current
IQ
VFB = 0.85V
—
0.6
0.75
mA
Shutdown Supply Current
ISHDN
VEN = 0V
—
1
10
μA
UNDERVOLTAGE LOCKOUT
UVLO Threshold
VUVLO
VIN Rising Test VREG5 Voltage
3.6
3.85
4.1
V
UVLO Hysteresis
VHYS
VIN Falling Test VREG5 Voltage
0.16
0.35
0.47
V
ENABLE (EN PIN)
EN High-Level Input Voltage
VENH
—
1.25
—
18
V
EN Low-Level Input Voltage
VENL
—
—
—
0.85
V
VOLTAGE REFERENCE (FB PIN)
Feedback Voltage
VFB
VOUT = 1.05V
0.753
0.765
0.777
V
Feedback Bias Current
IFB
VFB = 0.8V
-0.1
0
0.1
μA
VREG5 OUTPUT
VREG5 Output Voltage
VVREG5
6.0V < VIN < 18V 0 < IVREG5 < 5mA
4.8
5.1
5.4
V
Source Current Capability
—
VIN = 6V, VVREG5 = 4V
—
100
—
mA
Load Regulation
—
0 < IVREG5 < 5mA
—
—
100
mV
Line Regulation
—
6.0V < VIN < 18V IVREG5 = 5mA
—
—
20
mV
MOSFET
High-Side Switch On-Resistance
RDSONH
—
—
0.090
—
Ω
Low-Side Switch On-Resistance
RDSONL
—
—
0.057
—
Ω
CURRENT LIMIT
High Level Current Limit
ILIM-H
L =
1.5μH
3.9
4.5
5.5
A
ON-TIME TIMER
On Time
tON
VIN = 12V, VOUT = 1.05V
—
150
—
ns
Minimum Off Time
tOFF-MIN
VFB = 0.7V
—
260
310
ns
THERMAL SHUTDOWN
Thermal Shutdown
TOTSD
—
—
+150
—
°C
Thermal Shutdown Hysteresis
THYS
—
—
+25
—
°C
SOFT START (SS PIN)
Soft-Start Source Current
ISS-SOURCE
VSS = 1.0V
4.2
6.0
7.8
μA
Soft-Start Discharge Current
ISS-DISCHARGE
VSS = 0.5V
0.1
0.2
—
mA
OVERVOLTAGE PROTECTION
OVP Trip Threshold
—
—
115
120
125
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com