Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43198 Datasheet (PDF) - Cirrus Logic

CS43198 Datasheet PDF - Cirrus Logic
Part # CS43198
Download  CS43198 Download
File Size   5888.77 Kbytes
Page   137 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs

CS43198 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS43198 Datasheet PDF - Cirrus Logic

Part # CS43198
Download  CS43198 Click to download

File Size   5888.77 Kbytes
Page   137 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs

CS43198 Datasheet (HTML) - Cirrus Logic


CS43198 Product details

System Features
• Enhanced  oversampling DAC architecture
— 32-bit resolution
— Up to 384-kHz sampling rate
— Low clock jitter sensitivity
— Auto mute detection
• Integrated high performance outputs
— 130-dB dynamic range (A-weighted)
— –115-dB total harmonic distortion + noise (THD+N)
— 110-dB interchannel isolation
— Up to 2-Vrms pseudodifferential stereo analog output
• Headphone detection
— Headphone plug-in detection
— Popguard® technology eliminates pop noise
• Integrated PLL
— Support for 11.2896-/22.5792-, 12.288-/24.576-, 9.6-/
19.2-, 12-/24-, and 13-/26-MHz system MCLK rates
— Reference clock sourced from XTI/MCLK pin
— System clock output
• Mono Mode (differential) support
• I2C control—up to 1 MHz
• Wideband Flatness Mode Support
• Direct Stream Digital (DSD®) path
— Up to 256•Fs DSD
— Patented DSD processor
– On-chip 50-kHz filter to meet Scarlet Book Super
Audio Compact Disk (SACD) recommendations
– Matched PCM and DSD analog output levels
– Nondecimating volume control with 0.5-dB step size
and soft ramp
– DSD and Pulse-code modulation (PCM) mixing for
alerts
— Dedicated DSD and DoP pin interface
• Direct DSD path support
• Serial audio input path
— Programmable Hi-Fi digital filter
— Five selectable digital filter responses
– Low-latency Mode minimizes pre-echo
– 110 dB of stopband attenuation
— Supports sample rates from 32 to 384 kHz
— I2S, right-justified, left-justified, TDM, and
DSD-over-PCM (DoP) interface
— Master or slave operation
— Volume control with 0.5-dB step size and soft ramp
— 44.1 kHz deemphasis and inverting feature
• 40-pin 5mm × 5mm QFN or 42-ball CSP package options

Applications
• Smart phones, tablets, portable media players, laptops,
digital headphones, powered speakers, AVR, home
theater systems, Blu-ray/DVD/SACD players, and pro
audio




Similar Part No. - CS43198

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43199 CIRRUS-CS43199 Datasheet
2Mb / 111P
130-dB, 32-Bit High-Performance DAC
More results


Similar Description - CS43198

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4397 AKM-AK4397 Datasheet
530Kb / 37P
High Performance Premium 32-Bit DAC
AK4399 AKM-AK4399 Datasheet
660Kb / 41P
High Performance 123dB Premium 32-Bit DAC
AK4392 AKM-AK4392 Datasheet
565Kb / 41P
High Performance 120dB Premium 32-Bit DAC
AK4480 AKM-AK4480 Datasheet
575Kb / 44P
High Performance 114dB 32-Bit DAC
AK4414EQ AKM-AK4414EQ Datasheet
861Kb / 51P
High Performance 120dB 32-Bit 4ch DAC
logo
Cirrus Logic
CS4399 CIRRUS-CS4399 Datasheet
2Mb / 111P
130-dB, 32-Bit High-Performance DAC
CS43130 CIRRUS-CS43130 Datasheet
3Mb / 137P
130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
CS43131 CIRRUS-CS43131 Datasheet
6Mb / 156P
130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
F1 OCT 17
logo
ESS Technology,Inc
ES9039MPRO ESS-ES9039MPRO Datasheet
1Mb / 95P
32-bit High-Performance 8-Channel DAC
Sept, 2022
ES9080 ESS-ES9080 Datasheet
2Mb / 146P
32-bit High-Performance 8-Channel DAC
April 7th, 2022
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com