Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet (PDF) - Cirrus Logic

CS43131 Datasheet PDF - Cirrus Logic
Part # CS43131
Download  CS43131 Download
File Size   6658.86 Kbytes
Page   156 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection

CS43131 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS43131 Datasheet PDF - Cirrus Logic

Part # CS43131
Download  CS43131 Click to download

File Size   6658.86 Kbytes
Page   156 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection

CS43131 Datasheet (HTML) - Cirrus Logic


CS43131 Product details

System Features
• Enhanced  oversampling DAC architecture
— 32-bit resolution
— Up to 384-kHz sampling rate
— Low clock jitter sensitivity
— Auto mute detection
• Integrated high performance, ground-centered stereo
headphone outputs
— 130-dB dynamic range (A-weighted)
— –115-dB total harmonic distortion + noise (THD+N)
— 110-dB interchannel isolation
— Up to 2-Vrms stereo output
— Headphone power output
– 30 mW per channel into 32 
– 5 mW per channel into 600 
• Headphone detection
— Headphone DC and AC impedance measurement
— Headphone plug-in detection
— Popguard® technology eliminates pop noise
• Integrated PLL
— Support for 11.2896-/22.5792-, 12.288-/24.576-, 9.6-/
19.2-, 12-/24-, and 13-/26-MHz system MCLK rates
— Reference clock sourced from XTI/MCLK pin
— System clock output
• Mono Mode (differential) support
• I2C control—up to 1 MHz
• Wideband Flatness Mode Support
• Direct Stream Digital (DSD®) path
— Up to 256•Fs DSD
— Patented DSD processor
– On-chip 50-kHz filter to meet Scarlet Book Super
Audio Compact Disk (SACD) recommendations
– Matched PCM and DSD analog output levels
– Nondecimating volume control with 0.5-dB step size
and soft ramp
– DSD and Pulse-code modulation (PCM) mixing for
alerts
— Dedicated DSD and DoP pin interface
• Serial audio input path
— Programmable Hi-Fi digital filter
— Five selectable digital filter responses
– Low-latency Mode minimizes pre-echo
– 110 dB of stopband attenuation
— Supports sample rates from 32 to 384 kHz
— I2S, right-justified, left-justified, TDM, and
DSD-over-PCM (DoP) interface
— Master or slave operation
— Volume control with 0.5-dB step size and soft ramp
— 44.1 kHz deemphasis and inverting feature
• Alternate headphone input
• 40-pin 5mm × 5mm QFN or 42-ball CSP package options

Applications
• Smart phones, tablets, portable media players, laptops,
digital headphones, powered speakers, AVR, home
theater systems, Blu-ray/DVD/SACD players, and pro
audio




Similar Part No. - CS43131

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43130 CIRRUS-CS43130 Datasheet
3Mb / 137P
130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
More results


Similar Description - CS43131

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
Internet Audio DAC with Integrated Headphone Driver
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
Internet Audio DAC with Integrated Headphone Driver
logo
Asahi Kasei Microsystem...
AK4397 AKM-AK4397 Datasheet
530Kb / 37P
High Performance Premium 32-Bit DAC
AK4480 AKM-AK4480 Datasheet
575Kb / 44P
High Performance 114dB 32-Bit DAC
AK4414EQ AKM-AK4414EQ Datasheet
861Kb / 51P
High Performance 120dB 32-Bit 4ch DAC
logo
Cirrus Logic
CS4399 CIRRUS-CS4399 Datasheet
2Mb / 111P
130-dB, 32-Bit High-Performance DAC
CS43130 CIRRUS-CS43130 Datasheet
3Mb / 137P
130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
CS43198 CIRRUS-CS43198 Datasheet
5Mb / 137P
130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
F1 OCT 17
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com