Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8711 Datasheet (PDF) - Wolfson Microelectronics plc

WM8711 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8711
Download  WM8711 Download
File Size   379.52 Kbytes
Page   36 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Internet Audio DAC with Integrated Headphone Driver

WM8711 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8711 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8711
Download  WM8711 Click to download

File Size   379.52 Kbytes
Page   36 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Internet Audio DAC with Integrated Headphone Driver

WM8711 Datasheet (HTML) - Wolfson Microelectronics plc


WM8711 Product details

productfeatures
> cd quality audio performance
   » dac 100dB snr, 88dB thd (‘A’ weighted @ 48kHz)
   » adc 97dB snr, 85dB thd (WM8731 only)
> independent stereo line and headphone outputs
   » headphone output power: 40mW on 16Ω load
   » volume and mute controls
> low supply voltage
   » 1.42 – 3.6V digital supply
   » 1.8 – 3.6V analogue supply for low-voltage parts
   » 2.7 – 3.6V analogue supply for standard parts
> very low power
   » playback only: 9mW @ 1.8V, 18mW @ 3.3V
   » simultaneous playback & record: 18mW @ 1.8V, 36mW @ 3.3V
   » standby: 30µW
> programmable sample rates :: 8, 32, 44.1, 48, 88.2, 96kHz
> on-chip clock generator (WM8711 and WM8731 only)
> programmable audio data interface
   » i2s, left/right justified or dsp modes
   » 16/20/24/32-bit word lengths
   » master or slave clocking mode
> 2 or 3-wire serial control interface
> temperature range :: –10°C to +70°C

productapplications
> mp3 players and recorders
> mobile information devices
> palmtops
> web browsers
> mobile phones with mp3
> digital camcorders and cameras
> usb headsets
>> all battery powered systems incorporating digital audio




Similar Part No. - WM8711

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
128Kb / 2P
portable digital audio solutions
WM8711 WOLFSON-WM8711 Datasheet
536Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711 WOLFSON-WM8711 Datasheet
498Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711BL WOLFSON-WM8711BL Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
logo
Cirrus Logic
WM8711BL CIRRUS-WM8711BL Datasheet
380Kb / 44P
Ultra-Small Audio DAC with Headphone Amplifier
More results


Similar Description - WM8711

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
Internet Audio DAC with Integrated Headphone Driver
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
Internet Audio DAC with Integrated Headphone Driver
WM8711 WOLFSON-WM8711_06 Datasheet
536Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8731 WOLFSON-WM8731_06 Datasheet
762Kb / 63P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8711 WOLFSON-WM8711_10 Datasheet
498Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8711L WOLFSON-WM8711L_11 Datasheet
445Kb / 44P
Internet Audio DAC with Integrated Headphone Amplifier
WM8731 WOLFSON-WM8731_09 Datasheet
814Kb / 64P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731SED WOLFSON-WM8731SED_13 Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com