Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8711 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8711
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8711 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
WM8711
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.2 November 2000
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
XWM8711EDS
-10 to +70
oC
28-pin SSOP
1
AVDD
2
AGND
3
NC
4
VMID
5
NC
6
RLINEIN
7
LLINEIN
8
DCVDD
9
MODE
10
CSB
SDIN
SCLK
XTO
XTI/MCLK
15
CLKOUT
DGND
NC
NC
DACDAT
DACLRC
BCLK
DBVDD
LHPOUT
HPGND
HPVDD
RHPOUT
LOUT
ROUT
11
12
13
14
16
17
18
19
20
21
22
23
24
25
28
27
26
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DBVDD
Supply
Digital Buffers VDD
2
CLKOUT
Digital Output
Buffered Clock Output
3
BCLK
Digital Input/Output
Digital Audio Bit Clock, Pull Down (see Note 1)
4
DACDAT
Digital Input
DAC Digital Audio Data Input
5
DACLRC
Digital Input/Output
DAC Sample Rate Left/Right Clock, Pull Down (see Note 1)
6NC
No Connection
7NC
No Connection
8
HPVDD
Supply
Headphone VDD
9
LHPOUT
Analogue Output
Left Channel Headphone Output
10
RHPOUT
Analogue Output
Right Channel Headphone Output
11
HPGND
Ground
Headphone GND
12
LOUT
Analogue Output
Left Channel Line Output
13
ROUT
Analogue Output
Right Channel Line Output
14
AVDD
Supply
Analogue VDD
15
AGND
Ground
Analogue GND
16
VMID
Analogue Output
Mid-rail reference decoupling point
17
NC
No Connection
18
NC
No Connection
19
RLINEIN
Analogue Input
Right Channel Line Input (AC coupled)
20
LLINEIN
Analogue Input
Left Channel Line Input (AC coupled)
21
MODE
Digital Input
Control Interface Selection, Pull up (see Note 1)
22
CSB
Digital Input
3-Wire MPU Chip Select/ 2-Wire MPU interface address selection, active
low, Pull up (see Note 1)
23
SDIN
Digital Input
3-Wire MPU Data Input / 2-Wire MPU Data Input
24
SCLK
Digital Input
3-Wire MPU Clock Input / 2-Wire MPU Clock Input
25
XTI/MCLK
Digital Input
Crystal Input or Master Clock Input (MCLK)
26
XTO
Digital Output
Crystal Output
27
DCVDD
Supply
Digital Core VDD
28
DGND
Ground
Digital GND
Note:
1.
Pull Up/Down only present when Control Register Interface ACTIVE=0 to conserve power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com