Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 6Page - Cirrus Logic CS43131 Datasheet HTML 7Page - Cirrus Logic CS43131 Datasheet HTML 8Page - Cirrus Logic CS43131 Datasheet HTML 9Page - Cirrus Logic CS43131 Datasheet HTML 10Page - Cirrus Logic CS43131 Datasheet HTML 11Page - Cirrus Logic CS43131 Datasheet HTML 12Page - Cirrus Logic CS43131 Datasheet HTML 13Page - Cirrus Logic CS43131 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 156 page
background image
10
DS1155F1
CS43131
2 Typical Connection Diagram
2 Typical Connection Diagram
Figure 2-1. Typical Connection Diagram
VCP_FILT Configuration
GNDD
GNDA
VA
+1.8V
VL
VCP_FILT+
FLYN_VA
FLYP_VA
2.2 µF
*
-VA
HPOUTA
HPOUTB
HPREFA
HP_DETECT
Headphone
Connector
12
3
*
2.2 µF
HPINB
HPINA
Audio Codec
Headphone
Output
0.1 µF
HPREFB
FLYN _VCP
FLYP_VCP
CLKOUT
Audio
Devices
XTI / MCLK
XTO
See Clocking
Configuration
FILT-
FILT+
15 µF
*
GNDCP
VCP
Battery
(3.0V-5.25V)
*
2.2 µF
FLYC_VCP
VCP_FILT–
VP
+1.8V
2.2 µF
*
2.2 µF
*
*
4.7 µF
PCM/DoP
Digital Audio
Source
RESET
Applications
Processor/
Micro-
Controller
INT
RP_I
VL
ADR
SDA
SCL
VD
0.1 µF
*
15 µF
*
Clocking Configuration
External MCLK
System
Clock
XTI/MCLK
XTO
*
0.1 µF
*
EXT_VCPFILT = 1
EXT_VCPFILT = 0
VCP_FILT+
GNDCP
VCP
+1.8V
VCP_FILT–
2.2 µF
*
2.2 µF
*
2.2 µF
*
VCP_FILT+
GNDCP
VCP
+1.8V
VCP_FILT–
2.2 µF
*
2.2 µF
*
2.2 µF
*
+3.0V
-3.0V
See
VCP_FILT
Configuration
*
2.2 µF
FLYN _VCP
FLYP_VCP
FLYC_VCP
*
2.2 µF
FLYN _VCP
FLYP_VCP
*
2.2 µF
FLYC_VCP
NC
XTAL
XTI/MCLK
XTO
SCLK1
LRCK1
SDIN1
DSDCLK/SCLK2
DSDB/LRCLK2
DSDA/SDIN2
**
**
All external passive component
values shown are nominal.
Key for Capacitor Types Required:
* Use low ESR, X7R/X5R capacitors
If no type symbol is shown next to a
capacitor, any type may be used.
** Use C0G capacitors.
DoP/DSD
Digital Audio
Source
Note 1
CS43131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com