Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 65Page - Cirrus Logic CS43131 Datasheet HTML 66Page - Cirrus Logic CS43131 Datasheet HTML 67Page - Cirrus Logic CS43131 Datasheet HTML 68Page - Cirrus Logic CS43131 Datasheet HTML 69Page - Cirrus Logic CS43131 Datasheet HTML 70Page - Cirrus Logic CS43131 Datasheet HTML 71Page - Cirrus Logic CS43131 Datasheet HTML 72Page - Cirrus Logic CS43131 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 156 page
background image
DS1155F1
69
CS43131
5.9 Enabling and Disabling NOS Filter
5.9 Enabling and Disabling NOS Filter
Section 5.9.1 and Section 5.9.2 describe pop-free sequences for enabling and disabling the NOS filter, respectively.
5.9.1
Sequence for Enabling NOS Filter
8
Unmute both channels
DSD Processor Path Signal Control 1.
0x70002
data(0x70002)
AND (0xFC)
DSD_RAMP_UP
DSD_VOL_BEQA
DSD_SZC
Reserved
DSD_AMUTE
DSD_AMUTE_BEQA
DSD_MUTE_A
DSD_MUTE_B
x
x
x
x
x
x
0
0
Channel A is unmuted
Channel B is unmuted
9
Restore default settings
0x80046
0x10010
0x20
0x00
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1 Set mute to occur with soft ramp
only
PCM Path Signal Control 1. 0x90003
data (0x90003)
AND (0xEF) OR
(0x20)
PCM_RAMP_DOWN
PCM_VOL_BEQA
PCM_SZC
PCM_AMUTE
PCM_AMUTEBEQA
PCM_MUTE_A
PCM_MUTE_B
x
x
10
x
x
x
x
Enable soft ramp
2 Mute both channels
PCM Path Signal Control 1. 0x90003
data (0x90003)
OR (0x03)
PCM_RAMP_DOWN
PCM_VOL_BEQA
PCM_SZC
PCM_AMUTE
PCM_AMUTEBEQA
PCM_MUTE_A
PCM_MUTE_B
x
x
xx
x
x
1
1
Channel A output is muted
Channel B output is muted
3 Wait for 150 ms for mute to occur
4 Enable NOS filter
PCM Filter Option. 0x90000
data (0x90000)
OR (0x20)
FILTER_SLOW_FASTB
PHCOMP_LOWLATB
NOS
Reserved
PCM_WBF_EN
HIGH_PASS
DEEMP_ON
x
x
1
0 0
x
x
x
NOS emulation mode is on
5 Restore PCM_SZC mode if
desired
PCM Path Signal Control 1. 0x90003
0xHH
PCM_RAMP_DOWN
PCM_VOL_BEQA
PCM_SZC
PCM_AMUTE
PCM_AMUTEBEQA
PCM_MUTE_A
PCM_MUTE_B
x
x
BB
x
x
x
x
Restore PCM_SZC to desired value
6 Unmute both channels
PCM Path Signal Control 1. 0x90003
data (0x90003)
AND (0xFC)
PCM_RAMP_DOWN
PCM_VOL_BEQA
PCM_SZC
PCM_AMUTE
PCM_AMUTEBEQA
PCM_MUTE_A
PCM_MUTE_B
x
x
xx
x
x
0
0
Function is disabled
Function is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com