Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 22Page - Cirrus Logic CS43131 Datasheet HTML 23Page - Cirrus Logic CS43131 Datasheet HTML 24Page - Cirrus Logic CS43131 Datasheet HTML 25Page - Cirrus Logic CS43131 Datasheet HTML 26Page - Cirrus Logic CS43131 Datasheet HTML 27Page - Cirrus Logic CS43131 Datasheet HTML 28Page - Cirrus Logic CS43131 Datasheet HTML 29Page - Cirrus Logic CS43131 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 156 page
background image
26
DS1155F1
CS43131
3 Characteristics and Specifications
1.Serial audio input interface timing
2.Phase modulation mode serial audio input interface timing
Table 3-22. I2C Slave Port Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows typical connections; Inputs: GNDA = GNDL = GNDCP = 0 V; all voltages with respect to
ground; VL = 1.8 V; inputs: Logic 0 = GNDA = 0 V, Logic 1 = VL; TA = +25°C; SDA load capacitance equal to maximum value of CB = 400 pF; minimum
SDA pull-up resistance, RP(min).1 Table 3-1 describes some parameters in detail. All specifications are valid for the signals at the pins of the CS43131
with the specified load capacitance.
1.The minimum RP value (resistor shown in Fig. 2-1) is determined by using the maximum level of VL, the minimum sink current strength of its
respective output, and the maximum low-level output voltage VOL. The maximum RP value may be determined by how fast its associated signal must
transition (e.g., the lower the value of RP, the faster the I2C bus is able to operate for a given bus load capacitance). See I²C bus specification
referenced in Section 13.
Parameter 2
2.All timing is relative to thresholds specified in Table 3-13, VIL and VIH for input signals, and VOL and VOH for output signals.
Symbol 3
Minimum
Maximum
Units
SCL clock frequency
fSCL
—1000
kHz
Clock low time
tLOW
500
—
ns
Clock high time
tHIGH
260
—
ns
Start condition hold time (before first clock pulse)
tHDST
260
—
ns
Setup time for repeated start
tSUST
260
—
ns
Rise time of SCL and SDA
Standard Mode
Fast Mode
Fast Mode Plus
tRC
—
—
—
1000
300
120
ns
ns
ns
Fall time of SCL and SDA
Standard Mode
Fast Mode
Fast Mode Plus
tFC
—
—
—
300
300
120
ns
ns
ns
Setup time for stop condition
tSUSP
260
—
ns
SDA setup time to SCL rising
tSUD
50
—
ns
SDA input hold time from SCL falling 4
tHDDI
0—
ns
Output data valid (Data/Ack) 5
Standard Mode
Fast Mode
Fast Mode Plus
tVDDO
—
—
—
3450
900
450
ns
ns
ns
Bus free time between transmissions
tBUF
500
—
ns
SDA bus capacitance
SCL frequency = 1 MHz, VL = 1.8 V
SCL frequency ≤ 400 kHz
CB
—
—
340
400
pF
pF
SCL/SDA pull-up resistance 1
VL = 1.8 V
RP
350
—
Ω
Pulse width of spikes to be suppressed
tPS
—50
ns
Switching time between RCO and MCLK_INT 6
—
150
—
µs
Power-up delay (delay before I2C can communicate after RESET released)
tPUD
1500
—
µs
DSDCLK
DSDA,
DSDB
tSDLRS
tSDH
tSCLKL
tSCLKH
DSDCLK
(128
•Fs)
DSDCLK
(64
•Fs)
DSDA,
DSDB
tDPM
tDPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com