Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 53Page - Cirrus Logic CS43131 Datasheet HTML 54Page - Cirrus Logic CS43131 Datasheet HTML 55Page - Cirrus Logic CS43131 Datasheet HTML 56Page - Cirrus Logic CS43131 Datasheet HTML 57Page - Cirrus Logic CS43131 Datasheet HTML 58Page - Cirrus Logic CS43131 Datasheet HTML 59Page - Cirrus Logic CS43131 Datasheet HTML 60Page - Cirrus Logic CS43131 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 156 page
background image
DS1155F1
57
CS43131
4.11 DSD and PCM Mixing
4.11 DSD and PCM Mixing
For mobile application, the CS43131 provides a feature for mixing in PCM notification during DSD playback, with the setup
in Table 4-10.
It is assumed that the DSD path has been properly configured for DSD playback.
During normal DSD playback, the ASP can be shut down. At the PCM notification event, the ASP must be properly
configured to receive PCM samples at 44.1 kHz. After the ASP subclocks are running, set MIX_PCM_PREP to indicate to
the CS43131 that the PCM mixing event is imminent. After 1.6 ms, MIX_PCM_DSD can be safely set to initiate the mixing
process. After the PCM notification mixing is complete, clear both MIX_PCM_DSD and MIX_PCM_PREP at the same
time. If desired, the ASP can be shut down to save power.
When mixing, use both PCM and DSD volume controls to attenuate the signal content on both paths (e.g., at least –6-dB
attenuation on each) to avoid clipping on the mixing product. Use PCM_VOLUMEx to adjust the PCM path and DSD_
VOLUMEx to adjust the DSD path. All the signal path settings apply to both path’s individual settings.
Figure 4-30. PCM and DSD Mixing Signal Flow
4.12 Standard Interrupts
The interrupt output pin, INT, is used to signal the occurrence of events within the device’s interrupt status registers. Events
can be masked individually by setting corresponding bits in the interrupt mask registers. Table 4-11 lists interrupt status
and mask registers. The configuration of mask bits determines which events cause the immediate assertion of INT:
• When an unmasked interrupt status event is detected, the status bit is set, and INT is asserted.
• When a masked interrupt status event is detected, the interrupt status bit is set, but INT is not affected.
Once INT is asserted, it remains asserted until all status bits that are unmasked and set have been read. Interrupt status
bits are sticky and read-to-clear. Once set, they remain set until the register is read and the associated interrupt condition
is not present. If a condition is still present and the status bit is read, although INT is deasserted, the status bit remains set.
To clear status bits set due to the initiation of a block, all interrupt status bits must be read after the corresponding module
is enabled and before normal operation begins. Otherwise, unmasking these previously set status bits causes assertion
of INT.
Interrupt source bits are set when edge-detect interrupts is detected, and they remain set until the register is read and the
condition that caused the bit to assert is no longer present.
Table 4-10. Mixing Configurations Supported by the CS43131
PCM Input Configuration
DSD Input Configuration
I2S or TDM on
ASP
44.1 kHz
Master
DSD on DSD IF
2.8224, 5.6448, or
11.2896 MHz on
DSDCLK
Master
Slave 1
1.The ASP/XSP subclocks and DSDCLK are required to be synchronous.
Slave 1
Master
DoP on XSP
176.4 or 352.8 kHz
Master
Slave 1
Slave 1
DSD
Processor
Interpolation
Filter &
Volume
Control
DoP to
DSD
Engine
ASP
XSP/
DSD Audio
Interface
Multibit

Modulator
PCM
DSD
MIX_PCM_PREP p. 126
MIX_PCM_DSD p. 126
PCM_VOLUME_B p. 128
PCM_VOLUME_A p. 128
DSD_VOLUME_B p. 124
DSD_VOLUME_A p. 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com