Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 55Page - Cirrus Logic CS43131 Datasheet HTML 56Page - Cirrus Logic CS43131 Datasheet HTML 57Page - Cirrus Logic CS43131 Datasheet HTML 58Page - Cirrus Logic CS43131 Datasheet HTML 59Page - Cirrus Logic CS43131 Datasheet HTML 60Page - Cirrus Logic CS43131 Datasheet HTML 61Page - Cirrus Logic CS43131 Datasheet HTML 62Page - Cirrus Logic CS43131 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 156 page
background image
DS1155F1
59
CS43131
4.13 Control Port Operation
4.13 Control Port Operation
The control port is used to access control registers and on-chip memory locations, allowing the device to be configured for
desired operational modes and formats. Control port operation may be completely asynchronous with respect to the audio
sample rates. However, to avoid potential interference problems, control port pins must remain static if no operation is
required.
The control port operates using a I2C interface with the CS43131 acting as a slave device. Device communication must
not begin until tPUD (refer to Table 3-22) after power conditions are ready and RESET is released.
4.13.1 I2C Control Port Operation
The I2C control port operates completely asynchronously with the audio sample rates. However, to avoid interference
problems, the I2C control-port pins must remain static if no operation is required.
The control-port uses the I2C interface, with the chip acting as a slave device. The I2C control port can operate in the
following modes:
• Standard Mode (SM), with a bit rate of up to 100 kbit/s
• Fast Mode (FM), with a bit rate of up to 400 kbit/s
• Fast Mode Plus (FM+), with a bit rate of up to 1 Mbit/s
SDA is a bidirectional data line. Data is clocked into and out of the CS43131 by the SCL clock. Fig. 4-32, Fig. 4-33, and
Fig. 4-34 show signal timings for read and write cycles. A Start condition is defined as a falling transition of SDA while SCL
is high. A stop condition is defined as a rising transition of SDA while SCL is high. All other transitions of SDA must occur
while SCL is low. Note that when HP_IN_LP is set, only SM and FM modes are supported.
To configure the last two bits of I2C address, CS43131 detects the ADR resistor connection type and measures the
resistance upon a device power up (POR event) or after a hardware reset event (RESET deasserted). Based on the
detected resistance, the I2C address is latched and cannot be changed until the next hardware reset event. The I2C
address configuration is not ready until tPUD after the hardware reset event. During this period, the CS43131 does not
respond to any user-issued I2C command. After configuration, the IC tristates the ADR pin and becomes high impedance
internally to avoid a constant bias current.
To directly connect the ADR pin and ground, the last two bits of the I2C address are configured as the default 00. For the
other options, use a resistor (with 5% accuracy) as suggested in the Table 4-12.
If the operation is a write, the 3 bytes after the chip address are the memory address pointer (MAP) that select the address
of the register to be read or written to next. The byte following the MAP is the control byte. Bit[0] of the control byte, INCR,
selects whether autoincrementing is to be used (INCR = 1), allowing successive reads or writes of consecutive registers.
Bits[2:1] of the control byte indicate the size of the data for the autoincrement to be acted on. Table 4-13 explains the
format for the I2C control byte.
Table 4-12. I2C Address Configurations
Connection Type
Resistor Value (
)
Last Two Bits of I2C Address
Pull-up to VL
0
11
Pull-up to VL
4990
10
Pull-down to GND
4990
01
Pull-down to GND
0
00 (Default)
Table 4-13. I2C Control-Byte Format
Bit
Name
Description
7:3
—
Reserved
Default: 0
2:1
SIZE
Register access width. Specifies the width of the register access.
00 8-bit (1 byte)
01–11 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com