Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 42Page - Cirrus Logic CS43131 Datasheet HTML 43Page - Cirrus Logic CS43131 Datasheet HTML 44Page - Cirrus Logic CS43131 Datasheet HTML 45Page - Cirrus Logic CS43131 Datasheet HTML 46Page - Cirrus Logic CS43131 Datasheet HTML 47Page - Cirrus Logic CS43131 Datasheet HTML 48Page - Cirrus Logic CS43131 Datasheet HTML 49Page - Cirrus Logic CS43131 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 156 page
background image
46
DS1155F1
CS43131
4.8 Filtering Options
Note that in Table 4-4 and Table 4-5:
• The PLL_OUT_DIV value must be even.
• PLL_OUT frequencies are at 22.5792 or 24.576 MHz. CLKOUT frequencies can be obtained by configuring the
CLK_OUT_DIV value:
• PLL_ERROR_INT constantly monitors the PLL error status after PLL_START is set, assuming the PLL reference
input is stable and accurate.
4.7.2.1 Powering Up the PLLs
To power up the PLL, use the following default sequence:
1. Enable the PLL by clearing PDN_PLL.
2. Configure PLL_REF_PREDIV.
3. Configure PLL_OUT_DIV.
4. Configure the three fractional factor registers, PLL_DIV_FRAC.
5. Set the integer factor, PLL_DIV_INT, to the desired value.
6. Configure PLL_MODE and PLL_CAL_RATIO.
7. After properly unmasked (clearing PLL_READY_INT_MASK and PLL_ERROR_INT_MASK), PLL_READY_INT,
and PLL_ERROR_INT are used to monitor if PLL has been successfully started.
8. Turn on the PLL by setting PLL_START.
4.7.2.2 Powering Down the PLL
1. Clear PLL_START to stop the PLL operation.
2. For further power saving, set PDN_PLL to disable the PLL block.
4.8 Filtering Options
To accommodate the increasingly complex requirements of digital audio systems, the CS43131 incorporates selectable
filters in different playback modes.
For PCM/TDM mode, the following interpolation filtering options can be selected:
• Fast roll-off and slow roll-off interpolation filter options.
• In each option above, both low-latency and normal phase-compensation filtering options can be used.
• Nonoversampling (NOS) mode is provided, which minimizes the internal digital processing. Once NOS mode is set,
the settings on the above two options are ignored.
19.200
8
0x3
0x49
0x80 0000
0x08
0
22.5792
151
8
0x3
0x50
0x00 0000
0x08
0
24.576
164
13.000
4
0x2
0x45
0x79 7680
0x0A
1
22.5792
111
40x2
0x3C
0x7E A940
0x08
1
24.576
121
26.000
8
0x3
0x45
0x79 7680
0x0A
1
22.5792
111
8
0x3
0x3C
0x7E A940
0x08
1
24.576
121
PLL_OUT
CLK_OUT_DIV (2)
CLK_OUT_DIV (3)
CLK_OUT_DIV (4)
CLK_OUT_DIV (8)
22.5792 MHz
11.2896 MHz
7.5264 MHz
5.6448 MHz
2.8224 MHz
24.576 MHz
12.288 MHz
8.192 MHz
6.144 MHz
4.096 MHz
Table 4-5. PLL Configuration for Typical Use Case (XIN/MCLK as the PLL Reference) (Cont.)
XIN/MCLK
(MHz)
PLL_REF_PREDIV
(Divide-by Value)
PLL_REF_PREDIV
(Setting)
PLL_DIV_INT PLL_DIV_FRAC PLL_OUT_DIV
PLL_
MODE
PLL_OUT
(MHz)
PLL_CAL_
RATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com