Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 26Page - Cirrus Logic CS43131 Datasheet HTML 27Page - Cirrus Logic CS43131 Datasheet HTML 28Page - Cirrus Logic CS43131 Datasheet HTML 29Page - Cirrus Logic CS43131 Datasheet HTML 30Page - Cirrus Logic CS43131 Datasheet HTML 31Page - Cirrus Logic CS43131 Datasheet HTML 32Page - Cirrus Logic CS43131 Datasheet HTML 33Page - Cirrus Logic CS43131 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 156 page
background image
30
DS1155F1
CS43131
4.1 Overview
Before ASP, XSP, or DSDIF can be safely powered down, PDN_HP must be asserted, and PDN_DONE_INT must be
present. For XTAL or PLL used as the source of internal MCLK, PDN_HP needs to be set first and MCLK source needs
to be properly switched away before PDN_XTAL or PDN_PLL is set. If PLL output is only used as the source of CLKOUT,
PDN_PLL can be set without PDN_HP being asserted. If the steps described above are not followed, the CS43131 enters
an unresponsive state.
PDN_CLKOUT does not require PDN_HP to be set before it is enabled.
PDN_HP should be set before using headphone input path and load detection function. Refer to the functional description
of these two components for further details.
Recommended power-up and power-down sequences can be found in the Section 5.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com