Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 59Page - Cirrus Logic CS43131 Datasheet HTML 60Page - Cirrus Logic CS43131 Datasheet HTML 61Page - Cirrus Logic CS43131 Datasheet HTML 62Page - Cirrus Logic CS43131 Datasheet HTML 63Page - Cirrus Logic CS43131 Datasheet HTML 64Page - Cirrus Logic CS43131 Datasheet HTML 65Page - Cirrus Logic CS43131 Datasheet HTML 66Page - Cirrus Logic CS43131 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 156 page
background image
DS1155F1
63
CS43131
5 Applications
5 Applications
This section provides recommended application procedures and instruction sequences for standard CS43131 operations.
5.1 PLL Clocking
Data-path logic is in the MCLK_INT domain, where MCLK_INT is expected to be 22.5792 or 24.576 MHz. For clocking
scenarios in which the external system MCLK provided to CS43131 is neither 22.5792 nor 24.576 MHz, the PLL must be
turned on to provide the desired internal MCLK. At start up, the system uses RCO as the internal MCLK for PLL
programming over I2C and switches to the PLL output after it settles. PLL start-up time is a maximum of 1 ms.
5.2 Power Sequencing
Note the following for power-up sequencing on the CS43131:
• VP must be powered up first.
• All other supplies can come up in any order before RESET is released.
Note the following for power-down sequencing on the CS43131:
• After RESET is asserted, VA/VCP/VL/VD can be removed in any order.
• VP must be powered down last.
5.3 Crystal Tuning
The CS43131 uses an external crystal as the source for internal MCLK. Refer to Table 3-16 for the load capacitance that
is supported by CS43131. Table 5-1 lists supported crystals that meet the requirements for CS43131 and also shows also
shows the XTAL_IBIAS settings for different crystals.
The crystal setting register (0x20052) must be set appropriately based on the crystal used.
The frequency at which the crystal eventually oscillates can be calculated using the formula below:
Fosc= 1/(2*π*sqrt[Lm*(Cm (C0+CL))/(Cm+C0+CL)]) ,
where
Lm = motional inductance of crystal
Cm = motional capacitance of crystal
C0 = shunt capacitance
CL = load capacitance
Trace capacitance and pad capacitance (approximately 0.5 pF) must also be taken into account while calculating the value
of the load capacitors. Below are the steps to tune the crystal to the correct frequency:
1. Select load capacitor values that match the load capacitance spec in crystal manufacturer's data sheet.
Table 5-1. Example List of Supported Crystals
Manufacturer 1
1.Contact your local Cirrus Logic representative for a list of supported manufacturers and part numbers.
Part Number 1
Frequency (MHz)
Bias Current
Strength (µA)
Crystal Setting Register
(0x20052)
River Electronics
FCX-06-22.5792J51933
22.5792
12.5
0x04
FCX-06-24.5760J51930
24.576
7.5
0x06
NDK
NX2016SA 22.5792M EXS00A-CS09116
22.5792
15
0x02
NX2016SA 24.576M EXS00A-CS09117
24.576
TXC
8Y22570001
22.5792
12.5
0x04
8Y24570001
24.576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com