Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 28Page - Cirrus Logic CS43131 Datasheet HTML 29Page - Cirrus Logic CS43131 Datasheet HTML 30Page - Cirrus Logic CS43131 Datasheet HTML 31Page - Cirrus Logic CS43131 Datasheet HTML 32Page - Cirrus Logic CS43131 Datasheet HTML 33Page - Cirrus Logic CS43131 Datasheet HTML 34Page - Cirrus Logic CS43131 Datasheet HTML 35Page - Cirrus Logic CS43131 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 156 page
background image
32
DS1155F1
CS43131
4.3 Class H Amplifier Output
The CS43131 has an independent set of controls for the DSD processor path as shown in Fig. 4-1. The DSD processor
also offers the control bit SIGCTL_DSDEQPCM, which maps the PCM_x setting to DSD_x setting, once enabled. As a
result, some of the DSD_x register settings are ignored. The registers affected are DSD_RAMP_UP, DSD_VOL_BEQA,
DSD_SZC, DSD_AMUTE, DSD_AMUTE_BEQA, DSD_MUTE_A, DSD_MUTE_B, DSD_INV_A, DSD_INV_B, DSD_
SWAP_CHAN, and DSD_COPY_CHAN. Refer to Section 7.4.1–Section 7.4.7 for control register details.
4.2.2
Wideband Flatness Mode
The CS43131 specifically optimizes for wideband flatness playback, which is enabled by PCM_WBF_EN bit. This mode
should only be enabled when PCM plays back at 192 kHz. When operating in other speeds or modes, this bit should be
properly disabled. If wideband flatness mode enabled, the filter spec complies to Table 3-10. There is no option for filter
roll-off or phase response in this mode. NOS filter mode should be disabled for proper operation. Note that wideband
flatness mode can only be enabled or disabled when PDN_HP is set.
4.2.3
Mono Mode
The CS43131 supports mono (differential) mode playback. Mono mode allows driving a differential interconnect such as
a XLR connector or implementing a stereo differential headphone utilizing two CS43131 devices. Fig. 2-2 shows a typical
connection of the CS43131 to a XLR connector in mono mode.
4.3 Class H Amplifier Output
Fig. 4-2 shows the Class H operation.
Figure 4-2. Class H Operation
The CS43131 headphone output amplifiers use Cirrus Logic two-mode Class H technology. This technology maximizes
operating efficiency of the typical Class AB amplifier while maintaining high performance. In a Class H amplifier design,
the rail voltages supplied to the amplifier vary with the needs of the music passage that is being amplified. This prevents
unnecessarily wasting energy during low power passages of program material or when the program material is played
back at a low volume level.
The internal charge pump, which creates the rail voltages for the headphone amplifiers, is the central component of the
two-mode Class H technology implemented in the CS43131. The charge pump receives its input voltage from the voltage
present on the VCP or VP pin. From this input voltage, the charge pump creates the differential rail voltages supplied to
the amplifier output stages. The charge pump can supply two sets of differential rail voltages: ±VCP and ±VP_LDO.
VCP
Class H Control
VCP_FILT–
–VCP
–VP_LDO V
VCP_FILT+
+VCP
+VP_LDO V
VP
ADPT_PWR p. 131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com