Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 93 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 93 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 89Page - Cirrus Logic CS43131 Datasheet HTML 90Page - Cirrus Logic CS43131 Datasheet HTML 91Page - Cirrus Logic CS43131 Datasheet HTML 92Page - Cirrus Logic CS43131 Datasheet HTML 93Page - Cirrus Logic CS43131 Datasheet HTML 94Page - Cirrus Logic CS43131 Datasheet HTML 95Page - Cirrus Logic CS43131 Datasheet HTML 96Page - Cirrus Logic CS43131 Datasheet HTML 97Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 156 page
background image
DS1155F1
93
CS43131
5.13 Example Sequences
5.13.9 Switching from PCM to Analog-In Playback
Ex. 5-15 makes the following assumptions:
• The CS43131 is powered up, out of reset, and currently operating in PCM playback mode.
• A headphone is connected to the headphone jack.
• Headphone detect is enabled and HPDETECT_PLUG_INT = 1.
• XTAL is used as MCLK source.
Example 5-15. Switching from PCM to Analog-In Playback
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1
Enable soft ramp
PCM Path Signal Control 1. 0x90003
data(0x90003) OR
(0xA0)
PCM_RAMP_DOWN
PCM_VOL_BEQA
PCM_SZC
PCM_AMUTE
PCM_AMUTEBEQA
PCM_MUTE_A
PCM_MUTE_B
1
x
10
x
x
0
0
Enable soft ramp
2
PCM Power Down Sequence
Refer to Section 5.6.1
3
Set MCLK Source to RCO
System Clocking Control 1. 0x10006
0x06
Reserved
MCLK_INT
MCLK_SRC_SEL
0000 0
1
10
Frequency of MCLK_INT is don't care
MCLK source set to RCO
4
Wait for 150 µs.
5
Power down crystal
Power Down Control. 0x20000
data (0x20000) OR
(0x08)
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
x
1
x
1
1
x
x
0
ASP already powered down
HP already powered down
Power down XTAL.
6
Enable HPINx
Refer to Section 5.5.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com