Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 66Page - Cirrus Logic CS43131 Datasheet HTML 67Page - Cirrus Logic CS43131 Datasheet HTML 68Page - Cirrus Logic CS43131 Datasheet HTML 69Page - Cirrus Logic CS43131 Datasheet HTML 70Page - Cirrus Logic CS43131 Datasheet HTML 71Page - Cirrus Logic CS43131 Datasheet HTML 72Page - Cirrus Logic CS43131 Datasheet HTML 73Page - Cirrus Logic CS43131 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 156 page
background image
70
DS1155F1
CS43131
5.10 Sequence for Using PCM Invert Bits
5.9.2
Sequence for Disabling NOS Filter
5.10 Sequence for Using PCM Invert Bits
Section 5.10.1 and Section 5.10.2 describe sequences for enabling the PCM_INV_A and PCM_INV_B bits, respectively.
5.10.1 Sequence for Enabling Channel A Invert
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1 Set mute to occur with soft ramp
only
PCM Path Signal Control 1. 0x90003
data (0x90003)
AND (0xEF) OR
(0x20)
PCM_RAMP_DOWN
PCM_VOL_BEQA
PCM_SZC
PCM_AMUTE
PCM_AMUTEBEQA
PCM_MUTE_A
PCM_MUTE_B
x
x
10
x
x
x
x
Enable soft ramp
2 Mute both channels
PCM Path Signal Control 1. 0x90003
data (0x90003)
OR (0x03)
PCM_RAMP_DOWN
PCM_VOL_BEQA
PCM_SZC
PCM_AMUTE
PCM_AMUTEBEQA
PCM_MUTE_A
PCM_MUTE_B
x
x
xx
x
x
1
1
Channel A output is muted
Channel B output is muted
3 Wait for 150 ms for mute to occur
4 Disable NOS filter
PCM Filter Option. 0x90000
data (0x90000)
AND (0xDF)
FILTER_SLOW_FASTB
PHCOMP_LOWLATB
NOS
Reserved
PCM_WBF_EN
HIGH_PASS
DEEMP_ON
x
x
0
0 0
x
x
x
NOS emulation mode is off
5 Restore PCM_SZC mode if
desired
PCM Path Signal Control 1. 0x90003
0xHH
PCM_RAMP_DOWN
PCM_VOL_BEQA
PCM_SZC
PCM_AMUTE
PCM_AMUTEBEQA
PCM_MUTE_A
PCM_MUTE_B
x
x
BB
x
x
x
x
Restore PCM_SZC to desired value
6 Unmute both channels
PCM Path Signal Control 1. 0x90003
data (0x90003)
AND (0xFC)
PCM_RAMP_DOWN
PCM_VOL_BEQA
PCM_SZC
PCM_AMUTE
PCM_AMUTEBEQA
PCM_MUTE_A
PCM_MUTE_B
x
x
xx
x
x
0
0
Function is disabled
Function is disabled
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1 Invert channel A calibration
0x180005
0xDC
0x180006
0xFA
0x180015
0xFB
0x180016
0xFB
0x180025
0xF5
0x180026
0xFE
0x180035
0x8F
0x180036
0xFC
2 Enable channel A invert
PCM Path Signal Control 2. 0x90004
data (0x90004)
OR (0x08)
Reserved
PCM_INV_A
PCM_INV_B
PCM_SWAP_CHAN
PCM_COPY_CHAN
0000
1
x
x
x
Enable Channel A invert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com