Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 61Page - Cirrus Logic CS43131 Datasheet HTML 62Page - Cirrus Logic CS43131 Datasheet HTML 63Page - Cirrus Logic CS43131 Datasheet HTML 64Page - Cirrus Logic CS43131 Datasheet HTML 65Page - Cirrus Logic CS43131 Datasheet HTML 66Page - Cirrus Logic CS43131 Datasheet HTML 67Page - Cirrus Logic CS43131 Datasheet HTML 68Page - Cirrus Logic CS43131 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 156 page
background image
DS1155F1
65
CS43131
5.6 Headphone Power Down Sequences
5.6 Headphone Power Down Sequences
Examples of power down sequences for PCM and DSD are shown in Ex. 5-3 and Ex. 5-4, respectively. Follow the stated
sequence every time to shut down the headphone output. The sequence assumes that the PDN_DONE_INT interrupt bit
is unmasked.
5.6.1
PCM Power Down Sequence
5.6.2
DSD Power Down Sequence
Disable headphone input HP Output Control 1. 0x80000
0x30
HP_CLAMPA
HP_CLAMPB
OUT_FS
HP_IN_EN
HP_IN_LP
Reserved
+1dB_EN
0
0
11
0
0
0
0
Disable HPIN
Example 5-3. PCM Power Down Sequence
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1 Enable PDN_DONE
interrupt
Interrupt Mask 1. 0xF0010
data(0xF0010)
AND (0xFE)
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
x
x
x
x
x
x
x
0
Enable PDN_DONE interrupt
2 Power down amplifier
Power Down Control. 0x20000
data(0x20000)
OR (0x10)
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
x
x
x
1
x
x
x
x
Turn off HP
3 Wait for interrupt. Check for PDN_DONE_INT = 1 in Interrupt Status 1 register (0xF0000).
4 Power down ASP
Power Down Control. 0x20000
data(0x20000)
OR (0x40)
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
x
1
x
x
x
x
x
x
Turn off ASP
Example 5-4. DSD Power Down Sequence
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1
Enable PDN_DONE
interrupt
Interrupt Mask 1. 0xF0010
data(0xF0010)
AND (0xFE)
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
x
x
x
x
x
x
x
0
Enable PDN_DONE interrupt
Example 5-2. HPINx Disable (Cont.)
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com