Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 33Page - Cirrus Logic CS43131 Datasheet HTML 34Page - Cirrus Logic CS43131 Datasheet HTML 35Page - Cirrus Logic CS43131 Datasheet HTML 36Page - Cirrus Logic CS43131 Datasheet HTML 37Page - Cirrus Logic CS43131 Datasheet HTML 38Page - Cirrus Logic CS43131 Datasheet HTML 39Page - Cirrus Logic CS43131 Datasheet HTML 40Page - Cirrus Logic CS43131 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 156 page
background image
DS1155F1
37
CS43131
4.4 Alternate Headphone Inputs
5. Clear the PDN_HP bit.
Figure 4-8. External VCP_FILT Power-Down Sequence
For powering down in this mode, use the following recommended sequence. This assumes that the CS43131 starts from
the status where VCP_FILT± pins are presented with ±3.0 V, respectively.
1. Set PDN_HP.
2. Wait 8 ms after I2C ACK.
3. Start to shut-off external supply to VCP_FILT± pins.
4. Wait until Hi-Z mode is presented on VCP_FILT± pins.
5. Clear EXT_VCPFILT and HV_EN bits.
4.4 Alternate Headphone Inputs
The top-level schematic of the alternate headphone inputs is shown in Fig. 4-9. Bits PDN_HP and HP_IN_EN configure
the audio source for the HPOUT pins. The switches connected to HPINx are controlled by HP_IN_EN. The switches
connected to the internal headphone driver are controlled by PDN_HP. When the alternate headphone inputs are selected
(HP_IN_EN = 1), the CS43131 internal headphone driver output needs to be disconnected (PDN_HP = 1). Likewise, when
the CS43131 internal headphone drivers are enabled, the HPINx switch needs to be open and not in the signal path.
Figure 4-9. Alternative Headphone Input Setup
EXT_VCPFILT
PDN_HP
VCP_FILT+
VCP_FILT‐
8 ms
+3.0 V
‐3.0 V
Hi‐Z
Hi‐Z
HPREFB
HPOUTA
HPOUTB
HPINA
HPINB
HPREFA
HPREFB
HPOUTA
HPOUTB
HPINA
HPINB
HPREFA
PDN_HP=0
HP_IN_EN=0
PDN_HP=1
HP_IN_EN=1
HPREFB
HPOUTA
HPOUTB
HPINA
HPINB
HPREFA
PDN_HP=1
HP_IN_EN=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com