Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 51Page - Cirrus Logic CS43131 Datasheet HTML 52Page - Cirrus Logic CS43131 Datasheet HTML 53Page - Cirrus Logic CS43131 Datasheet HTML 54Page - Cirrus Logic CS43131 Datasheet HTML 55Page - Cirrus Logic CS43131 Datasheet HTML 56Page - Cirrus Logic CS43131 Datasheet HTML 57Page - Cirrus Logic CS43131 Datasheet HTML 58Page - Cirrus Logic CS43131 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 156 page
background image
DS1155F1
55
CS43131
4.10 DSD Interface
Each sample is 24 bits, as shown in Fig. 4-28, where the 8 most significant bits are used for the DSD marker and alternate
with each sample between 0x05/0xFA. Each channel within a sample contains the same marker. The remaining 16 lower
bits are then used for the DSD data, with the first or oldest bit in Slot t0.
Figure 4-28. DoP Data Sample and Stereo Stream Example
Each PCM frame is assigned to a specific channel (left or right), and when used for DSD streaming, each PCM frame
contains only DSD data corresponding to its assigned channel. The CS43131 unpacks the received DoP data and reforms
it into a DSD stream to feed the internal DSD data paths.
It includes the following features:
• 24 bits per PCM data sample
•I2S format is supported
• DoP data is unpacketed internally for DSD playback
• Clock Master and Slave Mode
• Up to 128•Fs DSD stream
— Accepts a 64•Fs DSD stream with LRCK@176.4 kHz
— Accepts a 128•Fs DSD stream with LRCK@352.8 kHz
To enable DoP interface on the ASP to take in DSD source:
1. Configure the ASP per clocking/format required by DoP content.
2. Configure DSD_SPEED per DoP content.
3. Set DSD_PRC_SRC =
10 and DSD_EN = 1.
4.10 DSD Interface
The DSD interface is enabled or disabled by PDN_DSDIF bit. When cleared, the DSD data interface is enabled. When
using this interface, the DSD interface clock can be mastered by the CS43131 (DSD_M/SB=1). If set to Master Mode,
DSDCLK toggles if both PDN_DSDIF and XSP_3ST bits are cleared, and DSD_EN is set.
If the DSD interface clock is slaved (DSD_M/SB=0), when MCLK_INT is set as 22.5792 MHz, DSDCLK is required to be
synchronous to MCLK_INT. The DSDCLK can be derived by either:
• Exporting 1/2, 1/4, or 1/8 the frequency of the CS43131 crystal to CLKOUT, or
• Sourcing MCLK_INT and DSDCLK from the same external clock source
DSD Marker (8 MSB)
dm7 dm6 dm5 dm4 dm3 dm2 dm1 dm0 t0
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
t12
t13
t14
t15
16 DSD Audio bits for one channel (oldest bit = t0)
24-Bit PCM Frame
MSB
LSB
0x05
0x05
0xFA
0xFA
LRCK (I2S)
SDATA
(DoP)
0x05
Data Stream Example of Stereo DoP
DoP Data Sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com