Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 25Page - Cirrus Logic CS43131 Datasheet HTML 26Page - Cirrus Logic CS43131 Datasheet HTML 27Page - Cirrus Logic CS43131 Datasheet HTML 28Page - Cirrus Logic CS43131 Datasheet HTML 29Page - Cirrus Logic CS43131 Datasheet HTML 30Page - Cirrus Logic CS43131 Datasheet HTML 31Page - Cirrus Logic CS43131 Datasheet HTML 32Page - Cirrus Logic CS43131 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 156 page
background image
DS1155F1
29
CS43131
4.1 Overview
4.1.5
Audio Interfaces and Supported Formats
There are two serial input ports on the CS43131, the audio serial port (ASP) and the auxiliary serial port (XSP). The ASP
on the CS43131 supports I2S, TDM, and DoP (DSD over PCM) formats up to a 384-kHz sample rate. The XSP on the
CS43131 supports the DoP format up to a 352.8-kHz sample rate.
The CS43131 also has a dedicated DSD interface to support up to a 256•Fs DSD stream. The DSD interface shares pins
with the XSP.
4.1.6
System Clocking
The CS43131 internal MCLK can be sourced from three options:
• Direct MCLK/crystal mode. The internal MCLK is provided through XTI/MCLK pin directly or generated by crystal
oscillator.
• PLL mode. A PLL reference CLK is provided by externally through XTI/MCLK. The PLL is configured, and output is
used as the internal MCLK.
• RCO mode. An internal RCO is used as the internal MCLK. Note that HPIN input path is the only supported audio
playback feature in this mode for optimized power consumption. This mode can also support HP detection and I2C
communication. DAC playback and headphone impedance measurement functions are not supported.
The clock output is provided for audio applications that require high quality audio rate system clock. This clock output can
be sourced from the following two options:
• The clock generated by the CS43131 crystal oscillator.
• Output of the internal Fractional-N PLL that refers to MCLK input. See Section 4.7.1 for supported frequencies.
The internal MCLK is used to generate serial port clocks. See Table 4-6 for supported LRCK combinations.
4.1.7
System Interrupts
The CS43131 includes an open-drain interrupt output (INT pin). Interrupt mask registers control whether an event
associated with an interrupt status/mask bit pair triggers the assertion of INT. All types of interrupt are described in
Section 4.11.
4.1.8
System Reset
The CS43131 offers two types of reset options:
• Asserting RESET. If RESET is asserted, all registers and state machines are immediately set to their default values/
states. No operation can begin until RESET is deasserted. Before normal operation can begin, RESET must be
asserted at least once after the VP supply is first brought up.
• Power-on reset (POR). If the VD supply is lower than the POR threshold specified in Table 3-18, all registers and
state machines are set to their default values/states. The POR releases the reset when the VD supply goes above
the POR threshold. When the VD supply is turned on, the VL and VA supplies must also be turned on at the same
time.
4.1.9
Power Down
The CS43131 has a register to power down individual components on the chip. Before any change can be applied to an
individual component (except PLL), the block must be powered down first. For the PLL, changes can be applied after PLL_
START is cleared.
The PDN_HP bit is responsible for enabling or disabling the signal chain playback operation. Setting PDN_HP disables
signal chain playback operation. All the necessary components for playback operation need to be powered up and
configured properly before PDN_HP is cleared. PDN_HP needs to be set before making any changes to the playback
signal chain setup, except the following functions:
• Volume and mute related functions
• PCM filter settings (see Section 7.5.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com